Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358TP Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM358TP
Description  Low Power Dual Operational Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM358TP Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM358TP Datasheet HTML 7Page - National Semiconductor (TI) LM358TP Datasheet HTML 8Page - National Semiconductor (TI) LM358TP Datasheet HTML 9Page - National Semiconductor (TI) LM358TP Datasheet HTML 10Page - National Semiconductor (TI) LM358TP Datasheet HTML 11Page - National Semiconductor (TI) LM358TP Datasheet HTML 12Page - National Semiconductor (TI) LM358TP Datasheet HTML 13Page - National Semiconductor (TI) LM358TP Datasheet HTML 14Page - National Semiconductor (TI) LM358TP Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Typical Single-Supply Applications
(V
+ = 5.0 V
DC)
Non-Inverting DC Gain (0V Output)
00778706
*R not needed due to temperature independent IIN
00778707
DC Summing Amplifier
(V
IN’S
≥ 0V
DC and VO
≥ 0V
DC)
Power Amplifier
00778708
Where: VO =V1 +V2 −V3 −V4
(V1 +V2) ≥ (V3 +V4) to keep VO > 0VDC
00778709
VO =0 VDC for VIN =0 VDC
AV =10
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com