Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL500-37SC-R Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # PL500-37SC-R
Description  Low Phase Noise VCXO (36MHz to 130MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL500-37SC-R Datasheet(HTML) 2 Page - Micrel Semiconductor

  PL500-37SC-R Datasheet HTML 1Page - Micrel Semiconductor PL500-37SC-R Datasheet HTML 2Page - Micrel Semiconductor PL500-37SC-R Datasheet HTML 3Page - Micrel Semiconductor PL500-37SC-R Datasheet HTML 4Page - Micrel Semiconductor PL500-37SC-R Datasheet HTML 5Page - Micrel Semiconductor PL500-37SC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(Preliminary)
PL500-37
Low Phase Noise VCXO (36MHz to 130MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 09/09/05 Page 2
PIN AND PAD ASSIGNMENT AND DESCRIPTION
Name
Pin#
Die Pad Position
Type
Description
SOP-8
SOT23-6
X (
m)
Y (
m)
XIN
1
3
94.183
768.599
I
Crystal input pin.
OE
2
-
94.157
605.029
I
Output Enable input pin. Disables the output
when low. Internal pull-up enables output by
default if pin is not connected to low. Use only
one OE signal.
-
-
715.472
626.716
VCON
3
1
94.183
331.756
I
Frequency control voltage input pin.
GND
4
2
94.193
140.379
P
Ground pin.
CLK
5
6
715.472
203.866
O
Output clock pin.
VDD
6
5
715.307
455.726
P
VDD power supply pin. Only one VDD pin is
necessary.
DNC
7
-
-
-
I
Do Not Connect. No Internal Connection.
XOUT
8
4
476.906
888.881
I
Crystal output pin.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature*
TA
-40
85
C
Junction Temperature
TJ
125
C
Lead Temperature (soldering, 10s)
260
C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended per iods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the dev ice at these or any other
conditions above the operational limits noted in this specificatio n is not implied.
*Operating temperature is guaranteed by design. Parts are
tested to commercial grade only.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com