Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL500-37TC-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL500-37TC-R
Description  Low Phase Noise VCXO (36MHz to 130MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL500-37TC-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL500-37TC-R Datasheet HTML 1Page - Micrel Semiconductor PL500-37TC-R Datasheet HTML 2Page - Micrel Semiconductor PL500-37TC-R Datasheet HTML 3Page - Micrel Semiconductor PL500-37TC-R Datasheet HTML 4Page - Micrel Semiconductor PL500-37TC-R Datasheet HTML 5Page - Micrel Semiconductor PL500-37TC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(Preliminary)
PL500-37
Low Phase Noise VCXO (36MHz to 130MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 7/05/10 Page 1
FEATURES
 VCXO output for the 36MHz to 130MHz range
 Low phase noise (-148 dBc @ 10kHz offset at
77.76MHz).
 CMOS output with OE tri-state control.
 36 to 130MHz fundamental crystal input.
 Integrated high linearity variable capacitors.
 8mA drive capability at TTL output.
 +/- 150 ppm pull range, max 5% linearity.
 Low jitter (RMS): 2.5ps period jitter.
 Single 2.5V ±10% or 3.3V ±10 power supply.
 Operating temperature range from -40C to +85C
 Available in Die or Wafer form or SOP-8L or
SOT23-6L packaging.
DESCRIPTION
The PL500-37 is a low cost, high performance and
low phase noise VCXO for the 36 to 130MHz range,
providing less than -148dBc at 10kHz offset at
77.76MHz. The very low jitter (2.5 ps RMS period
jitter) makes this chip ideal for applications requiring
voltage controlled frequency sources. The input
crystal frequency can range from 36 to 130MHz
(fundamental resonant mode).
DIE SPECIFICATIONS
Name
Value
Size
39 x 32 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
8 mil
PIN AND PAD CONFIGURATION
BLOCK DIAGRAM
XTAL
OSC
OE
XIN
XOUT
VCON
VARICAP
5
Y
X
(0,0)
(812,986)
32 mil
8
6
2
3
4
7
1 XIN
OE^
CLK
GND
VCON
XOUT
OE^
VDD
1
2
3
4
5
6
7
8
XIN
OE^
VCON
GND
XOUT
VDD
CLK
DNC
SOP-8L
1
2
3
4
5
6
VCON
GND
XIN
CLK
XOUT
VDD
SOT23-6L
^: Denotes internal Pull-up


Similar Part No. - PL500-37TC-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL500-15 MICREL-PL500-15 Datasheet
307Kb / 5P
Low Phase Noise VCXO (1MHz to 18MHz)
PL500-15DC MICREL-PL500-15DC Datasheet
307Kb / 5P
Low Phase Noise VCXO (1MHz to 18MHz)
PL500-15SC MICREL-PL500-15SC Datasheet
307Kb / 5P
Low Phase Noise VCXO (1MHz to 18MHz)
PL500-15SC-R MICREL-PL500-15SC-R Datasheet
307Kb / 5P
Low Phase Noise VCXO (1MHz to 18MHz)
PL500-15TC-R MICREL-PL500-15TC-R Datasheet
307Kb / 5P
Low Phase Noise VCXO (1MHz to 18MHz)
More results

Similar Description - PL500-37TC-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL500-17 ETC-PLL500-17 Datasheet
215Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
logo
PhaseLink Corporation
P521-38 PLL-P521-38 Datasheet
110Kb / 6P
Low Phase Noise PECL VCXO (65MHz to 130MHz)
P521-39 PLL-P521-39 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (65MHz to 130MHz)
PLL520-40 PLL-PLL520-40 Datasheet
217Kb / 5P
CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
Low Phase Noise VCXO (17MHz to 36MHz)
PLL500-37 PLL-PLL500-37 Datasheet
200Kb / 5P
Low Phase Noise VCXO (36MHz to 130MHz)
PLL500-17 PLL-PLL500-17 Datasheet
208Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
logo
Abracon Corporation
ABV0017 ABRACON-ABV0017 Datasheet
62Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
03/21/05
logo
Micrel Semiconductor
PL500-17 MICREL-PL500-17 Datasheet
321Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
logo
Abracon Corporation
ABV2017 ABRACON-ABV2017 Datasheet
79Kb / 7P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com