Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL123E-09OC-R Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # PL123E-09OC-R
Description  Low Skew Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123E-09OC-R Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button PL123E-09OC-R Datasheet HTML 2Page - Micrel Semiconductor PL123E-09OC-R Datasheet HTML 3Page - Micrel Semiconductor PL123E-09OC-R Datasheet HTML 4Page - Micrel Semiconductor PL123E-09OC-R Datasheet HTML 5Page - Micrel Semiconductor PL123E-09OC-R Datasheet HTML 6Page - Micrel Semiconductor PL123E-09OC-R Datasheet HTML 7Page - Micrel Semiconductor PL123E-09OC-R Datasheet HTML 8Page - Micrel Semiconductor PL123E-09OC-R Datasheet HTML 9Page - Micrel Semiconductor PL123E-09OC-R Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
(Preliminary)
PL123E-09
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/13/11 Page 8
SWITCHING WAVEFORMS
VDD/2
VDD/2
t2
t1
t3
t4
VDD/2
INPUT
t6
CLKOUT
VDD/2
VDD/2
OUTPUT
t5
OUTPUT
VDD/2
VDD/2
Any Output, Part 1 or 2
1
t7
VDD/2
Duty Cycle Timing
All Outputs Rise/Fall Time
Output-Output Skew
Input-Output Propagation Delay
Device-Device Skew
0V
3.3V (2.5V)
2.0V(1.8V)
OUTPUT
0.8V(0.6V)
Any Output, Part 1 or 2
1
0.8V(0.6V)
2.0V(1.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com