Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL500-16TC-R Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # PL500-16TC-R
Description  Low Phase Noise VCXO (1MHz to 18MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL500-16TC-R Datasheet(HTML) 5 Page - Micrel Semiconductor

  PL500-16TC-R Datasheet HTML 1Page - Micrel Semiconductor PL500-16TC-R Datasheet HTML 2Page - Micrel Semiconductor PL500-16TC-R Datasheet HTML 3Page - Micrel Semiconductor PL500-16TC-R Datasheet HTML 4Page - Micrel Semiconductor PL500-16TC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PL500-15/16
Low Phase Noise VCXO (1MHz to 18MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 7/01/10 Page 5
ORDERING INFORM ATION (GREEN PACKAGE COM PLIANT)
Micrel Inc., reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Micrel
is believed to be accurate and reliable. However, Micrel makes no guarantee or warranty concerning the accuracy of said info rmation and shall not be
responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: Micrel’s products are not authorized for use as critical components in life support devices or systems wit hout the express
written approval of the President of Micrel Inc.
For part ordering, please contact our Sales Department:
2180 Fortune Drive, San Jose, CA 95131, USA
Tel: (408) 944-0800 Fax: (408) 474-1000
PART NUMBER
The order number for this device is a combination of the following:
Part number, Package type and Operating temperature range
PL500-XX X X - X
Part / Order Number
Marking
Package Option
PL500-15DC
N/A
Die (Waffle Pack)
PL500-15SC
P500-15
SC
LLLLL
8-Pin SOP (Tube)
PL500-15SC-R
8-Pin SOP (Tape and Reel)
PL500-15TC-R
B15
LLL
6-Pin SOT23 (Tape and Reel)
PL500-16DC
N/A
Die (Waffle Pack)
PL500-16SC
P500-16
SC
LLLLL
8-Pin SOP (Tube)
PL500-16SC-R
8-Pin SOP (Tape and Reel)
PL500-16TC-R
B16
LLL
6-Pin SOT23 (Tape and Reel)
Note: LLL / LLLLL designate Production Lot.
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
NONE= TUBE
R=TAPE AND REEL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com