Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL123E-09HSC-R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL123E-09HSC-R
Description  Low Skew Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123E-09HSC-R Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL123E-09HSC-R Datasheet HTML 1Page - Micrel Semiconductor PL123E-09HSC-R Datasheet HTML 2Page - Micrel Semiconductor PL123E-09HSC-R Datasheet HTML 3Page - Micrel Semiconductor PL123E-09HSC-R Datasheet HTML 4Page - Micrel Semiconductor PL123E-09HSC-R Datasheet HTML 5Page - Micrel Semiconductor PL123E-09HSC-R Datasheet HTML 6Page - Micrel Semiconductor PL123E-09HSC-R Datasheet HTML 7Page - Micrel Semiconductor PL123E-09HSC-R Datasheet HTML 8Page - Micrel Semiconductor PL123E-09HSC-R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
(Preliminary)
PL123E-09
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/13/11 Page 4
ABSOLUTE M AXIM UM CONDITIONS
Supply Voltage to Ground Potential ...... –0.5V to 4.6V
DC Input Voltage ............................VSS – 0.5V to 4.6V
Storage Temperature ..........................–65°C to 150°C
Junction Temperature ..................................... 150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015)……………..> 2000V
OPERATING CONDITIONS
Description
Parameter
Min
Max
Unit
Supply Voltage
VDD
2.25
3.63
V
Load Capacitance, <100 MHz, 3.3V
CL[4]
–
30
pF
Load Capacitance, <100 MHz, 2.5V with High Drive
–
30
pF
Load Capacitance, <133.3 MHz, 3.3V
–
22
pF
Load Capacitance, <133.3 MHz, 2.5V with High Drive
–
22
pF
Load Capacitance, <133.3 MHz, 2.5V with Standard Drive
–
15
pF
Load Capacitance, >133.3 MHz, 3.3V
–
15
pF
Load Capacitance, >133.3 MHz, 2.5V with High Drive
–
15
pF
Input Capacitance[5]
CIN
–
5
pF
Closed-loop bandwidth (typical), 3.3V
BW
1
MHz
Closed-loop bandwidth (typical), 2.5V
0.5
MHz
Output Impedance (typical), 3.3V High Drive
ROUT
23
Ω
Output Impedance (typical), 3.3V Standard Drive
33
Ω
Output Impedance (typical), 2.5V High Drive
26
Ω
Output Impedance (typical), 2.5V Standard Drive
39
Ω
Power-up time for all VDD’s to reach minimum specified
voltage (power ramps must be monotonic)
tPU
0.01
250
ms
Notes:
4. Applies to Test Circuit #1.
5. Applies to both REF Clock and internal feedback path on CLKOUT.
6. Theta Ja, EIA JEDEC 51 test board conditions, 2S2P; Theta Jc Mil-Spec 883E Method 1012.1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com