Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2053GST1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPXM2053GST1
Description  50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXM2053GST1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPXM2053GST1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXM2053GST1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXM2053GST1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXM2053GST1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXM2053GST1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXM2053GST1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXM2053GST1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXM2053GST1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPXM2053 SERIES
3
Sensor Device Data
Freescale Semiconductor
LINEARITY
Linearity refers to how well a transducer’s output follows
the equation: Vout =Voff + sensitivity x P over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end point straight line fit (see Figure 2) or (2)
a least squares best line fit. While a least squares fit gives
the “best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the cal-
culations are more straightforward for the user. Freescale
Semiconductor’s specified pressure sensor linearities are
based on the end point straight line method measured at the
midrange pressure.
Figure 2. Linearity Specification Comparison
LEAST
SQUARE
DEVIATION
PRESSURE (% FULLSCALE)
0
50
100
END POINT
STRAIGHT LINE FIT
EXAGGERATED
PERFORMANCE
CURVE
LEAST SQUARES FIT
STRAIGHT LINE
DEVIATION
OFFSET
ON--CHIP TEMPERATURE COMPENSATION and CALIBRATION
Figure 3 shows the minimum, maximum and typical output
characteristics of the MPXM2053 series at 25°C. The output
is directly proportional to the differential pressure and is es-
sentially a straight line.
A silicone gel isolates the die surface and wire bonds from
the environment, while allowing the pressure signal to be
transmitted to the silicon diaphragm.
Figure 3. Output versus Pressure Differential
kPa
PSI
40
35
30
25
15
10
5
0
--5
012.5
1.8
25
3.6
37.5
5.4
50
7.25
SPAN
RANGE
(TYP)
OFFSET
(TYP)
20
MAX
TYP
MIN
VS =10 Vdc
TA =25°C
P1 > P2
ORDERING INFORMATION
Device Type
Options
Case No
Device Type
Options
Case No.
MPXM2053D
Non--ported
1320
MPXM2053DT1
Non--ported, Tape and Reel
1320
MPXM2053GS
Ported
1320A
MPXM2053GST1
Ported, Tape and Reel
1320A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com