Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL102-10SI-R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL102-10SI-R
Description  Low Skew Output Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL102-10SI-R Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL102-10SI-R Datasheet HTML 1Page - Micrel Semiconductor PL102-10SI-R Datasheet HTML 2Page - Micrel Semiconductor PL102-10SI-R Datasheet HTML 3Page - Micrel Semiconductor PL102-10SI-R Datasheet HTML 4Page - Micrel Semiconductor PL102-10SI-R Datasheet HTML 5Page - Micrel Semiconductor PL102-10SI-R Datasheet HTML 6Page - Micrel Semiconductor PL102-10SI-R Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PL102-10
Low Skew Output Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 2/5/09 Page 4
SWITCHING WAVE FORMS
All Outputs Rise/Fall Time
0.8V
2.0V
Output
t
r
t
f
2.0V
0.8V
3.3V
0V
Input to Output Propagation Delay
Input
Output
VDD/2
T
delay
VDD/2
Device to Device Skew
Device1 CLKOUT
Device2 CLKOUT
VDD/2
T
dsk - dsk
VDD/2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com