Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL102-10TI-R Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # PL102-10TI-R
Description  Low Skew Output Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL102-10TI-R Datasheet(HTML) 2 Page - Micrel Semiconductor

  PL102-10TI-R Datasheet HTML 1Page - Micrel Semiconductor PL102-10TI-R Datasheet HTML 2Page - Micrel Semiconductor PL102-10TI-R Datasheet HTML 3Page - Micrel Semiconductor PL102-10TI-R Datasheet HTML 4Page - Micrel Semiconductor PL102-10TI-R Datasheet HTML 5Page - Micrel Semiconductor PL102-10TI-R Datasheet HTML 6Page - Micrel Semiconductor PL102-10TI-R Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PL102-10
Low Skew Output Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 2/5/09 Page 2
PIN DESCRIPTIONS
Pin
Name
Pin Number
Type
Description
SOP-8L
SOT23-6L
REFIN
1
3
I
Input reference frequency. Spread spectrum modulation on this
signal will be passed to the output (up to 100kHz SST modul ation).
GND
2
2
P
Ground Connection.
CLK1
3
1
O
Buffered clock output.
CLK2*
4
6
O
Buffered clock output.
VDD
5
5
P
2.5V or 3.3V Power Supply connection.
DNC
6, 7
-
-
Do Not Connect
CLKOUT
8
4
O
Buffered clock output. Internal feed back on this pin.
*Note: If CLK2 is pulled high during startup the device will enter test mode.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature*
TA
-40
85
C
Junction Temperature
TJ
125
C
Lead Temperature (soldering, 10s)
260
C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the dev ice at these or any other co n-
ditions above the operational limits noted in this specification is no t implied. *Operating temperature is guaranteed by design. Parts are tested to
commercial grade only.
2. Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.25
3.63
V
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Output Low Voltage
VOL
IOL = 24mA
0.4
V
Output High Voltage
VOH
IOH = 24mA
2.4
V
Supply Current
IDD
Unloaded outputs at 100MHz,
VDD=3.3V.
22
30
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com