Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6441UTM Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6441UTM
Description  Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6441UTM Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6441UTM Datasheet HTML 1Page - Maxim Integrated Products MAX6441UTM Datasheet HTML 2Page - Maxim Integrated Products MAX6441UTM Datasheet HTML 3Page - Maxim Integrated Products MAX6441UTM Datasheet HTML 4Page - Maxim Integrated Products MAX6441UTM Datasheet HTML 5Page - Maxim Integrated Products MAX6441UTM Datasheet HTML 6Page - Maxim Integrated Products MAX6441UTM Datasheet HTML 7Page - Maxim Integrated Products MAX6441UTM Datasheet HTML 8Page - Maxim Integrated Products MAX6441UTM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Low-Power, Single-/Dual-Level Battery Monitors
with Hysteresis and Integrated µP Reset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
*Applying 7V for a duration of 1ms does not damage the device.
VBATT, VCC to GND.................................................-0.3V to +6V*
Open-Drain LBO, LBOH, LBOL, LBOLH to GND ...-0.3V to +6V*
Open-Drain RESET to GND ....................................-0.3V to +6V*
Push-Pull RESET to GND............................-0.3V to (VCC + 0.3V)
MR to GND .................................................-0.3V to (VCC + 0.3V)
Input/Output Current, All Pins .............................................20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 8.7mW/°C above +70°C)............695mW
8-Pin SOT23 (derate 8.9mW/°C above +70°C)............714mW
Operating Temperature Range .......................... -40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VBATT = 1.2V to 5.5V, VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +85°C
1.0
5.5
VBATT Operating Voltage Range
VBATT
TA = -40°C to +85°C
1.2
5.5
V
TA = 0°C to +85°C
1.0
5.5
VCC Operating Voltage Range
VCC
TA = -40°C to +85°C
1.2
5.5
V
VCC + VBATT Supply Current
ICC + IBATT VBATT = 3.6V, VCC = 3.3V, no load (Note 2)
2.5
7
µA
VBATT THRESHOLDS
MAX6439UT_ J, MAX6440UT_ J
3.510
3.60
3.690
MAX6439UT_ I, MAX6440UT_ I
3.413
3.50
3.588
MAX6439UT_ H, MAX6440UT_ H
3.315
3.40
3.485
MAX6439UT_ G, MAX6440UT_ G
3.218
3.30
3.383
MAX6439UT_ T, MAX6440UT_ T
2.535
2.60
2.665
MAX6439UT_ S, MAX6440UT_ S
2.438
2.50
2.563
MAX6439UT_ R, MAX6440UT_ R
2.340
2.40
2.460
HTH Threshold
HTH
MAX6439UT_ Q, MAX6440UT_ Q
2.243
2.30
2.358
V
MAX6439UTF, MAX6440UTF
3.023
3.10
3.178
MAX6439UTE, MAX6440UTE
2.925
3.00
3.075
MAX6439UTD, MAX6440UTD
2.828
2.90
2.973
MAX6439UTC, MAX6440UTC
2.730
2.80
2.870
MAX6439UTB, MAX6440UTB
2.633
2.70
2.768
MAX6439UTA, MAX6440UTA
2.535
2.60
2.665
MAX6439UTP, MAX6440UTP
2.048
2.10
2.153
MAX6439UTO, MAX6440UTO
1.950
2.00
2.050
MAX6439UTN, MAX6440UTN
1.853
1.90
1.948
MAX6439UTM, MAX6440UTM
1.755
1.80
1.845
MAX6439UTL, MAX6440UTL
1.658
1.70
1.743
LTH Threshold
LTH
MAX6439UTK, MAX6440UTK
1.560
1.60
1.640
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com