Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB-5R0V104-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # PB-5R0V104-R
Description  5.0 volt cylindrical supercapacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PB-5R0V104-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  PB-5R0V104-R_15 Datasheet HTML 1Page - Cooper Bussmann, Inc. PB-5R0V104-R_15 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/elx
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 4393- BU-SB111358
March 2015
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
PB Family
5.0 volt cylindrical supercapacitors
Technical Data
4393
Effective March 2015
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Specifications
Nominal
Capacitance (F)
Vertical
Part Number
Horizontal
Part Number
Maximum Initial ESR
(Ω) (Equivalent Series
Resistanc) Measured
@ 100Hz
Nominal leakage
current (μA) after
72 hours @ 20°C
Nominal
dimensions (mm)
Typical mass
(grams/piece)
0.1
PB-5R0V104-R
PB-5R0H104-R
4.0
3
5.5 x 10.8 x 12.5
1.1
0.47
PB-5R0V474-R
PB-5R0H474-R
1.0
7
8.5 x 16.8 x 14.0
2.4
1.0
PB-5R0V105-R
PB-5R0H105-R
0.5
12
8.5 x 16.8 x 21.5
3.5
Performance
Parameter
Capacitance change
(% of initial value)
ESR
(% of max. initial value)
Life (1000 hours @ 70°C, 5.0Vdc or 85°C, 4.2Vdc)
≤ 30%
≤ 300%
Storage - Low and High Temperature (1000 hours @ -25°C to +70°C)
≤ 30%
≤ 300%
Dimensions (mm)
Vertical Part Number
Horizontal Part Number
A
B
C
d’
D
D’
E
E’
F
P
PB-5R0V104-R
PB-5R0H104-R
6.0
11.3
13.0
0.5
20
15
25
20
2.0
7.3
PB-5R0V474-R
PB-5R0H474-R
9.0
17.3
14.5
0.5
20
15
25
20
2.0
11.8
PB-5R0V105-R
PB-5R0H105-R
9.0
17.3
22.0
0.5
20
15
25
20
2.0
11.8
Tolerances
Maximum
± 0.02
Minimum
± 0.5
Note: Longer lead is positive.
B
C
P
C
A
A
D
E
d'
P
B
C
P
E'
F
C
A
A
D'
F
d'
Positive lead
Positive lead
Vertical
Horizontal
Part numbering system
P
B
—
5
R
0
o
o
o
o
—
R
Family Code
Version
Voltage (V)
R = Decimal
Configuration
Capacitance (μF)
Option
Value
Multiplier
P Family
High capacitance
5R0 = 5.0V
V = Vertical H = Horizontal
Example: 474 = 47 x 104μF or 0.47F
RoHS Compliant
Packaging information
•
Standard packaging: Bulk, 100 units per bag
•
Larger bulk packages available on request
Part marking
•
Manufacturer
•
Capacitance (F)
•
Max operating voltage (V)
•
Family code (or part number)
•
Polarity



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com