Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB-5R0V474-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PB-5R0V474-R
Description  5.0 volt cylindrical supercapacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PB-5R0V474-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PB-5R0V474-R Datasheet HTML 1Page - Cooper Bussmann, Inc. PB-5R0V474-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PowerStor is now
part of Eaton
Same great
products plus
even more.
The PowerStor brand of
supercapacitors (formerly
of the Bussmann Division
of Cooper Industries)
is now part of
Eaton’s Electrical Group,
Electronics Division.
Technical Data 4393
Effective March 2015
Supersedes December 2011
PowerStor PB Family
5.0 volt cylindrical supercapacitors
Description
Eaton PowerStor supercapacitors are unique, ultra-
high capacitance devices utilizing electrochemical
double layer capacitor (EDLC) construction
combined with new, high performance materials.
This combination of advanced technologies allows
Eaton to offer a wide variety of capacitor solutions
tailored to specific applications that range from a
few micro-amps for several days to several amps
for milliseconds.
Features
5.0 volts
Low Equivalent Series Resistance (ESR)
High capacitance
Long cycle life
Low leakage currents
UL recognized
Applications
Bridge or hold-up power
Memory backup
Battery swap out
General Specifications
Working voltage
5.0V
Surge voltage
6.0V
Capacitance
0.1F to 1.0F
Capacitance tolerance
-20% to +80% (20°C)
Operating temperature range -25°C to 70°C
extended to 85°C
Pb
HALOGEN
HF
FREE


Similar Part No. - PB-5R0V474-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
Supercapacitors PB Series
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
Supercapacitors
logo
Eaton All Rights Reserv...
PB-5R0V474-R EATON-PB-5R0V474-R Datasheet
300Kb / 3P
Cylindrical pack
More results

Similar Description - PB-5R0V474-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO3091 MTRONPTI-XO3091 Datasheet
372Kb / 1P
5.0 Volt, HCMOS, TCXO
logo
Sensitron
SHD526011 SENSITRON-SHD526011_08 Datasheet
42Kb / 2P
FIXED POSITIVE 5.0 VOLT REGULATOR
logo
Diodes Incorporated
ZR4040-5.0 DIODES-ZR4040-5.0 Datasheet
175Kb / 4P
PRECISION 5.0 VOLT MICROPOWER
NOVEMBER 2002
logo
Central Semiconductor C...
CPZ36R CENTRAL-CPZ36R Datasheet
606Kb / 2P
5.0 Volt TVS Chip
logo
AVX Corporation
SCC-LE AVX-SCC-LE Datasheet
414Kb / 8P
New Low ESR Cylindrical SuperCapacitors
logo
Eaton All Rights Reserv...
A0820-2R5474-R EATON-A0820-2R5474-R Datasheet
1Mb / 3P
A Supercapacitors Cylindrical cells
PA-5R0V224-R EATON-PA-5R0V224-R Datasheet
319Kb / 3P
PA Supercapacitors Cylindrical pack
logo
Maxim Integrated Produc...
DS1707 MAXIM-DS1707 Datasheet
182Kb / 10P
3.3 and 5.0-Volt MicroMonitor
041305
logo
Kyocera Kinseki Corpota...
SCC-3.0V KSS-SCC-3.0V Datasheet
666Kb / 8P
High Capacitance Cylindrical SuperCapacitors
Rev 1
SCC KSS-SCC Datasheet
757Kb / 9P
High Capacitance Cylindrical SuperCapacitors
Rev 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com