Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1882 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1882
Description  Programmable Video Sync Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1882 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1882 Datasheet HTML 7Page - National Semiconductor (TI) LM1882 Datasheet HTML 8Page - National Semiconductor (TI) LM1882 Datasheet HTML 9Page - National Semiconductor (TI) LM1882 Datasheet HTML 10Page - National Semiconductor (TI) LM1882 Datasheet HTML 11Page - National Semiconductor (TI) LM1882 Datasheet HTML 12Page - National Semiconductor (TI) LM1882 Datasheet HTML 13Page - National Semiconductor (TI) LM1882 Datasheet HTML 14Page - National Semiconductor (TI) LM1882 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Capacitance (Continued)
Additional Applications Information
POWERING UP
The ’ACT715/LM1882 default value for Bit 10 of the Status
Register is 0. This means that when the CLEAR pulse is ap-
plied and the registers are initialized by loading the default
values the CLOCK is disabled. Before operation can begin,
Bit 10 must be changed toa1to enable CLOCK. If the de-
fault values are needed (no other programming is required)
then
Figure 6 illustrates a hardwired solution to facilitate the
enabling of the CLOCK after power-up. Should control sig-
nals be difficult to obtain,
Figure 7 illustrates a possible solu-
tion to automatically enable the CLOCK upon power-up. Use
of the ’ACT715-R/LM1882-R eliminates the need for most of
this circuitry. Modifications of the
Figure 7 circuit can be
made to obtain the lone CLEAR pulse still needed upon
power-up.
Note that, although during a Vectored Restart none of the
preprogrammed registers are affected, some signals are af-
fected for the duration of one frame only. These signals are
the Horizontal and Vertical Drive signals. After a Vectored
Restart the beginning of these signals will occur at the first
CLK. The end of the signals will occur as programmed. At
the completion of the first frame, the signals will resume to
their programmed start and end time.
PREPROGRAMMING “ON-THE-FLY”
Although the ’ACT715/LM1882 and ’ACT715-R/LM1882-R
are completely programmable, certain limitations must be
set as to when and how the parts can be reprogrammed.
Care must be taken when reprogramming any End Time reg-
isters to a new value that is lower than the current value.
Should the reprogramming occur when the counters are at a
count after the new value but before the old value, then the
counters will continue to count up to 4096 before rolling over.
For this reason one of the following two precautions are rec-
ommended when reprogramming “on-the-fly”. The first rec-
ommendation is to reprogram horizontal values during the
horizontal blank interval only and/or vertical values during
the vertical blank interval only. Since this would require deli-
cate timing requirements the second recommendation may
be more appropriate.
The second recommendation is to program a Vectored Re-
start as the final step of reprogramming. This will ensure that
all registers are set to the newly programmed values and
that all counters restart at the first CLK position. This will
avoid overrunning the counter end times and will maintain
the video integrity.
DS100232-6
FIGURE 5. AC Specifications
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com