Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2D16R Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # 2D16R
Description  D and DO fuse links and bases
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

2D16R Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  2D16R Datasheet HTML 1Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 2Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 3Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 4Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 5Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 6Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 7Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 8Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Technical Data 4124
Effective March 2015
Bussmann series
D and DO fuse links and bases
EATON www.eaton.com
Time-current curve - Type D fuse links
4
4
4
10
6
-2
2
6
4
-1
10
2
4
6
10
0
2
6
2
46
2
10
2
6
10
1
4
6
6
2
2
4
10
3
2
4
6
10
4
46
2
10
1
10
2
10
3
4A
2A
63A
50A
35A
25A
20A
16A
6A
10A
100A
80A
2
32A 40A
13A
Cut-off characteristics
2
10
10
1
22
4
6
10
2
1
24
6
2
10
2
4
6
10
3
24
6
10
4
2
4
10
4
6
3
10
4
2
6
4
2
63
4
2
50
35
25
16
20
6
10
100
80
3
4
1
Current in Amps (A)
Prospective current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com