Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1211 Datasheet(PDF) 21 Page - Texas Instruments

Part # MSC1211
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1211 Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSC1211 Datasheet HTML 17Page - Texas Instruments MSC1211 Datasheet HTML 18Page - Texas Instruments MSC1211 Datasheet HTML 19Page - Texas Instruments MSC1211 Datasheet HTML 20Page - Texas Instruments MSC1211 Datasheet HTML 21Page - Texas Instruments MSC1211 Datasheet HTML 22Page - Texas Instruments MSC1211 Datasheet HTML 23Page - Texas Instruments MSC1211 Datasheet HTML 24Page - Texas Instruments MSC1211 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
MSC1211, MSC1212
MSC1213,MSC1214
SBAS323D − JUNE 2004 − REVISED SEPTEMBER 2005
www.ti.com
21
TYPICAL CHARACTERISTICS: VDACs
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fMOD = 15.625kHz, Bipolar, filter = Sinc3, Buffer ON, and VREF ≡ (REF IN+) − (REF IN−) = +2.5V, unless
otherwise specified. For VDAC: VREF = AVDD, RLOAD = 10kΩ, and CLOAD = 200pF unless otherwise noted.
VDAC INTEGRAL NONLINEARITY vs CODE
0000h
DAC Code
2000h 4000h 6000h 8000h A000h C000h E000h FFFFh
40
20
0
−20
−40
−40_C
+85
_C
+25
_C
+125
_C
VDAC DIFFERENTIAL NONLINEARITY vs CODE
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0000h
DAC Code
2000h 4000h 6000h 8000h A000h C000h E000h FFFFh
5.0
4.9
4.8
4.7
4.6
4.5
VDAC SOURCE CURRENT CAPABILITY
I
SOURCE (mA)
04
6
10
8
2
121416
DAC = All 1s
0.6
0.5
0.4
0.3
0.2
0.1
0
VDAC SINK CURRENT CAPABILITY
I
SINK (mA)
04
6
10
8
2
121416
DAC = All 0s
0.5
Load Resistor (k
Ω)
110
100
1k
10k
1
0
−1
−2
−3
−4
−5
VDAC FULL−SCALE ERROR vs LOAD RESISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com