Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5070 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5070
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5070 Datasheet HTML 9Page - Analog Devices ADP5070 Datasheet HTML 10Page - Analog Devices ADP5070 Datasheet HTML 11Page - Analog Devices ADP5070 Datasheet HTML 12Page - Analog Devices ADP5070 Datasheet HTML 13Page - Analog Devices ADP5070 Datasheet HTML 14Page - Analog Devices ADP5070 Datasheet HTML 15Page - Analog Devices ADP5070 Datasheet HTML 16Page - Analog Devices ADP5070 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADP5070
Data Sheet
Rev. A | Page 12 of 27
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
0
2
4
6
8
10
12
14
Figure 28. Shutdown Quiescent Current vs. Input Voltage (VIN) over
Temperature, Both ENx Pins Below Shutdown Threshold
CH1 1.0V BW
CH3 5.0mV
B
W
CH2 100mV
B
W
4.00ms
CH1
5.00V
1
3
2
T
14.0ms
T
VFB1
VIN
VPOS
Figure 29. Boost Regulator Line Transient, VIN = 4.5 V to 5.5 V Step,
VPOS = 15 V, RLOAD1 = 300 Ω, fSW = 2.4 MHz, TA = 25°C
CH1 20mA
CH3 25mV
B
W
CH2 50mV
B
W
4.00ms
CH1
137mA
1
3
2
T
13.160ms
T
VFB1
ILOAD1
VPOS
Figure 30. Boost Regulator Load Transient, VIN = 5 V Step, VPOS = 15 V,
ILOAD1 = 120 mA to 150 mA Step, fSW = 2.4 MHz, TA = 25°C
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
4.5
Figure 31. Operating Quiescent Current vs. Input Voltage (VIN) over
Temperature, Both ENx Pins On
CH1 1V BW
CH3 5mV
B
W
CH2 100mV
B
W
4.00ms
CH1
5.0V
1
3
2
T
14.0ms
T
VFB2
VIN
VNEG
Figure 32. Inverting Regulator Line Transient, VIN = 4.5 V to 5.5 V Step,
VNEG = −15 V, RLOAD2 = 300 Ω, fSW = 2.4 MHz, TA = 25°C
CH1 10mA
CH3 5mV
B
W
CH2 50mV
B
W
4.00ms
CH1
50mA
1
3
2
T
13.0ms
T
VFB2
ILOAD2
VNEG
Figure 33. Inverting Regulator Load Transient, VIN = 5 V Step, VNEG = −15 V,
ILOAD2 = 35 mA to 45 mA Step, fSW = 2.4 MHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com