Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7156ACPZ-1.2-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP7156ACPZ-1.2-R7
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7156ACPZ-1.2-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP7156ACPZ-1.2-R7 Datasheet HTML 1Page - Analog Devices ADP7156ACPZ-1.2-R7 Datasheet HTML 2Page - Analog Devices ADP7156ACPZ-1.2-R7 Datasheet HTML 3Page - Analog Devices ADP7156ACPZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP7156ACPZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP7156ACPZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP7156ACPZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP7156ACPZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP7156ACPZ-1.2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1.2 A, Ultralow Noise,
High PSRR, RF Linear Regulator
Data Sheet
ADP7156
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 2.3 V to 5.5 V
16 standard voltages between 1.2 V and 3.3 V available
Maximum load current: 1.2 A
Low noise
0.9 μV rms total integrated noise from 100 Hz to 100 kHz
1.6 μV rms total integrated noise from 10 Hz to 100 kHz
Noise spectral density: 1.7 nV/√Hz from 10 kHz to 1 MHz
Power supply rejection ratio (PSRR)
80 dB from 1 kHz to 100 kHz; 60 dB at 1 MHz, VOUT = 3.3 V,
VIN = 4.0 V
Dropout voltage: 120 mV typical at IOUT = 1.2 A, VOUT = 3.3 V
Initial accuracy: ±0.6% at ILOAD = 10 mA
Initial accuracy over line, load, and temperature: ±1.5%
Quiescent current: IGND = 4.0 mA at no load, 7 mA at 1.2 A
Low shutdown current: 0.2 μA
Stable with a 10 μF ceramic output capacitor
10-lead, 3 mm × 3 mm LFCSP and 8-lead SOIC packages
Precision enable
Supported by ADIsimPower tool
APPLICATIONS
Regulation to noise sensitive applications: phase-locked
loops (PLLs), voltage controlled oscillators (VCOs), and
PLLs with integrated VCOs
Communications and infrastructure
Backhaul and microwave links
GENERAL DESCRIPTION
The ADP7156 is a linear regulator that operates from 2.3 V to 5.5 V
and provides up to 1.2 A of output current. Using an advanced
proprietary architecture, it provides high power supply rejection
and ultralow noise, achieving excellent line and load transient
response with only a 10 μF ceramic output capacitor.
There are 16 standard output voltages for the ADP7156. The
following voltages are available from stock: 1.2 V, 1.8 V, 2.0 V,
2.5 V, 2.8 V, 3.0 V and 3.3 V. Additional voltages available by
special order are 1.3 V, 1.5 V, 1.6 V, 2.2 V, 2.6 V, 2.7 V, 2.9 V,
3.1 V, and 3.2 V.
The ADP7156 regulator typical output noise is 0.9 μV rms
from 100 Hz to 100 kHz and 1.7 nV/√Hz for noise spectral
density from 10 kHz to 1 MHz. The ADP7156 is available in a
10-lead, 3 mm × 3 mm LFCSP and 8-lead SOIC packages,
making it not only a very compact solution, but also providing
excellent thermal performance for applications requiring up to
1.2 A of output current in a small, low profile footprint.
TYPICAL APPLICATION CIRCUIT
GND (EPAD)
EN
REF
VIN
VOUT
ADP7156
ON
OFF
VIN = 3.8V
VOUT = 3.3V
VOUT_SENSE
CIN
10µF
COUT
10µF
BYP
VREG
CBYP
1µF
CREG
1µF
REF_SENSE
CREF
1µF
Figure 1.
Table 1. Related Devices
Model
Input
Voltage
Output
Current
Fixed/
Adj1
Package
ADP7158,
ADP7159
2.3 V to 5.5 V
2 A
Fixed/
Adj
10-lead LFCSP/
8-lead SOIC
ADP7157
2.3 V to 5.5 V
1.2 A
Fixed/
Adj
10-lead LFCSP/
8-lead SOIC
ADM7150,
ADM7151
4.5 V to 16 V
800 mA
Fixed/
Adj
8-lead LFCSP/
8-lead SOIC
ADM7154,
ADM7155
2.3 V to 5.5 V
600 mA
Fixed/
Adj
8-lead LFCSP/
8-lead SOIC
ADM7160
2.2 V to 5.5 V
200 mA
Fixed
6-lead LFCSP/
5-lead TSOT
1 Adj means adjustable.
0.1
1
10
100
1k
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
CBYP =1µF
CBYP =10µF
CBYP =100µF
CBYP =1000µF
Figure 2. Noise Spectral Density at Different Values of CBYP, VOUT = 3.3 V


Similar Part No. - ADP7156ACPZ-1.2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7156 AD-ADP7156 Datasheet
1Mb / 24P
High PSRR, RF Linear Regulator
REV. A
ADP7156 AD-ADP7156 Datasheet
1,022Kb / 23P
High PSRR, RF Linear Regulator
REV. A
ADP7156 AD-ADP7156 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
More results

Similar Description - ADP7156ACPZ-1.2-R7

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
300mA High PSRR, Linear Regulator
VER 1.3
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
300mA High PSRR, Linear Regulator
VER 1.1
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Analog Devices
ADP7157 AD-ADP7157 Datasheet
1Mb / 24P
High PSRR, RF Linear Regulator
REV. A
ADP7158 AD-ADP7158 Datasheet
1,022Kb / 23P
High PSRR, RF Linear Regulator
REV. A
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
High PSRR linear regulator
logo
Analog Devices
ADM7155 AD-ADM7155 Datasheet
739Kb / 24P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
8/2016-Rev. B to Rev. C
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
ADM7154 AD-ADM7154 Datasheet
782Kb / 23P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com