Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7157ACPZ-01-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP7157ACPZ-01-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ACPZ-01-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP7157ACPZ-01-R7 Datasheet HTML 1Page - Analog Devices ADP7157ACPZ-01-R7 Datasheet HTML 2Page - Analog Devices ADP7157ACPZ-01-R7 Datasheet HTML 3Page - Analog Devices ADP7157ACPZ-01-R7 Datasheet HTML 4Page - Analog Devices ADP7157ACPZ-01-R7 Datasheet HTML 5Page - Analog Devices ADP7157ACPZ-01-R7 Datasheet HTML 6Page - Analog Devices ADP7157ACPZ-01-R7 Datasheet HTML 7Page - Analog Devices ADP7157ACPZ-01-R7 Datasheet HTML 8Page - Analog Devices ADP7157ACPZ-01-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.2 A, Ultralow Noise,
High PSRR, RF Linear Regulator
Data Sheet
ADP7157
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 2.3 V to 5.5 V
Adjustable output voltage range (V
OUT): 1.2 V to 3.3 V
Maximum load current: 1.2 A
Low noise
0.9 µV rms typical output noise from 100 Hz to 100 kHz
1.6 µV rms typical output noise from 10 Hz to 100 kHz
Noise spectral density: 1.7 nV/√Hz from 10 kHz to 1 MHz
Power supply rejection ratio (PSRR)
82 dB from 1 kHz to 100 kHz
55 dB at 1 MHz
Dropout voltage: 120 mV typical at I
OUT = 1.2 A, VOUT = 3.3 V
Initial accuracy: ±0.6% at I
LOAD = 10 mA
Accuracy over line, load, and temperature: ±1.5%
Operating supply current (I
GND)
4.0 mA typical at 0 µA
7.0 mA typical at 1.2 A
Low shutdown current: 0.2 μA typical
Stable with a 10 µF ceramic output capacitor
10-lead, 3 mm × 3 mm LFCSP and 8-lead SOIC packages
Precision enable
Supported by ADIsimPower tool
APPLICATIONS
Regulation to noise sensitive applications: phase-locked
loops (PLLs), voltage controlled oscillators (VCOs), and
PLLs with integrated VCOs
Communications and infrastructure
Backhaul and microwave links
GENERAL DESCRIPTION
The ADP7157 is an adjustable linear regulator that operates from
2.3 V to 5.5 V and provides up to 1.2 A of output current. Output
voltages from 1.2 V to 3.3 V are possible depending on the model.
Using an advanced proprietary architecture, the device provides
high power supply rejection and ultralow noise, achieving excellent
line and load transient response with only a 10 µF ceramic
output capacitor.
The ADP7157 is available in four models that optimize power
dissipation and PSRR performance as a function of the input
and output voltage. See Table 9 and Table 10 for selection guides.
The typical output noise the ADP7157 regulator is 0.9 μV rms from
100 Hz to 100 kHz and 1.7 nV/√Hz for noise spectral density from
10 kHz to 1 MHz. The ADP7157 is available in 10-lead, 3 mm ×
3 mm LFCSP and 8-lead SOIC packages, making it not only a
very compact solution, but also providing excellent thermal
performance for applications requiring up to 1.2 A of output
current in a small, low profile footprint.
TYPICAL APPLICATION CIRCUIT
EN
BYP
VREG
ADP7157
REF_SENSE
VIN
VOUT
VOUT_SENSE
COUT
10µF
VOUT = 3.3V
REF
GND
CIN
10µF
CREG
1µF
CBYP
1µF
CREF
1µF
R1
VOUT = 1.2V × (R1 + R2)/R2
1kΩ < R2 < 200kΩ
R2
VIN = 3.8V
ON
OFF
Figure 1. Regulated 3.3 V Output from a 3.8 V Input
Table 1. Related Devices
Model
Input
Voltage
Output
Current
Fixed/
Adjustable
Package
ADP7159
,
ADP7158
2.3 V to
5.5 V
2 A
Fixed
10-lead LFCSP/
8-lead SOIC
ADP7156
2.3 V to
5.5 V
1.2 A
Fixed/
Adjustable
10-lead LFCSP/
8-lead SOIC
ADM7150,
ADM7151
4.5 V to
16 V
800 mA
Fixed/
Adjustable
8-lead LFCSP/
8-lead SOIC
ADM7154,
ADM7155
2.3 V to
5.5 V
600 mA
Fixed/
Adjustable
8-lead LFCSP/
8-lead SOIC
ADM7160
2.2 V to
5.5 V
200 mA
Fixed
6-lead LFCSP/
5-lead TSOT
0.1
1
10
100
1k
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
CBYP = 1µF
CBYP = 10µF
CBYP = 100µF
CBYP = 1000µF
Figure 2. Noise Spectral Density at Different Values of CBYP, VOUT = 3.3 V


Similar Part No. - ADP7157ACPZ-01-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7157 AD-ADP7157 Datasheet
840Kb / 23P
High PSRR, RF Linear Regulator
REV. A
ADP7157 AD-ADP7157 Datasheet
1,022Kb / 23P
High PSRR, RF Linear Regulator
REV. A
ADP7157 AD-ADP7157 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
More results

Similar Description - ADP7157ACPZ-01-R7

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
300mA High PSRR, Linear Regulator
VER 1.3
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
300mA High PSRR, Linear Regulator
VER 1.1
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Analog Devices
ADP7156 AD-ADP7156 Datasheet
840Kb / 23P
High PSRR, RF Linear Regulator
REV. A
ADP7158 AD-ADP7158 Datasheet
1,022Kb / 23P
High PSRR, RF Linear Regulator
REV. A
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
High PSRR linear regulator
logo
Analog Devices
ADM7155 AD-ADM7155 Datasheet
739Kb / 24P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
8/2016-Rev. B to Rev. C
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
ADM7154 AD-ADM7154 Datasheet
782Kb / 23P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com