Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7157ACPZ-04-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP7157ACPZ-04-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ACPZ-04-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP7157ACPZ-04-R7 Datasheet HTML 9Page - Analog Devices ADP7157ACPZ-04-R7 Datasheet HTML 10Page - Analog Devices ADP7157ACPZ-04-R7 Datasheet HTML 11Page - Analog Devices ADP7157ACPZ-04-R7 Datasheet HTML 12Page - Analog Devices ADP7157ACPZ-04-R7 Datasheet HTML 13Page - Analog Devices ADP7157ACPZ-04-R7 Datasheet HTML 14Page - Analog Devices ADP7157ACPZ-04-R7 Datasheet HTML 15Page - Analog Devices ADP7157ACPZ-04-R7 Datasheet HTML 16Page - Analog Devices ADP7157ACPZ-04-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADP7157
Data Sheet
Rev. A | Page 12 of 23
1
2
CH1 500mA
CH2 5.00mV
M4.00µs A CH1
740mA
T 21.30%
B
W
B
W
SLEW RATE = 2.5A/µs
Figure 35. Load Transient Response, ILOAD = 100 mA to 1.2 A,
VOUT = 1.8 V, VIN = 2.5 V, Channel 1 = IOUT, Channel 2 = VOUT
CH1 500mA
CH2 5.00mV
M4.00µs A CH1
740mA
T 20.70%
B
W
B
W
1
2
IOUT
VOUT
SLEW RATE = 2.4A/µs
Figure 36. Load Transient Response, ILOAD = 100 mA to 1.2 A, VOUT = 1.8 V,
VIN = 2.5 V, COUT = 22 μF, Channel 1 = IOUT, Channel 2 = VOUT
CH1 1.00V
CH2 5.00mV
M10.0µs
A CH1
4.34V
1
2
T 21.10%
VIN
SLEW RATE = 1V/µs
VOUT
B
W
B
W
Figure 37. Line Transient Response, 1 V Input Step, ILOAD = 1.2 A,
VOUT = 3.3 V, VIN = 3.8 V, Channel 1 = VIN, Channel 2 = VOUT
CH1 1.00V
CH2 2.00mV
M10.0µs
A CH1
3.00V
1
2
T 21.80%
VIN
SLEW RATE = 1V/µs
VOUT
B
W
B
W
Figure 38. Line Transient Response, 1 V Input Step, ILOAD = 1.2 A,
VOUT = 1.8 V, VIN = 2.5 V, Channel 1 = VIN, Channel 2 = VOUT
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TIME (ms)
EN
3.3V
2.5V
1.8V
–2
–1
012345678
Figure 39. VOUT Start-Up Time After VEN Rising
at Various Output Voltages, VIN = 5.0 V, CBYP = 1 μF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–2
0
24
6
8
10
12
14
16
18
20
TIME (ms)
EN
1µF
4.7µF
10µF
Figure 40. VOUT Start-Up Time Behavior at Various Values of CBYP,
VOUT = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com