Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q304 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q304
Description  8-bit Microcontroller with Voice Output Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q304 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q304 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610Q304 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610Q304 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610Q304 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610Q304 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610Q304 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610Q304 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610Q304 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610Q304 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
FEDL610Q304-01
ML610Q304
21/28
・
AC Characteristics (I2C Bus Interface: Standard Mode 100kHz)
(VDD= 2.0 to 5.5V, SPVDD=2.0 to 5.5V, VSS= SPVSS=0V, Ta=−40 to +85°C, unless otherwise specified)
Rating
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SCL clock frequency
fSCL
⎯
0
⎯
100
kHz
SCL hold time
(start/restart condition)
tHD:STA
⎯
4.0
⎯
⎯
µs
SCL ”L” level time
tLOW
⎯
4.7
⎯
⎯
µs
SCL ”H” level time
tHIGH
⎯
4.0
⎯
⎯
µs
SCL setup time
(restart condition)
tSU:STA
⎯
4.7
⎯
⎯
µs
SDA hold time
tHD:DAT
⎯
0
⎯
⎯
µs
SDA setup time
tSU:DAT
⎯
0.25
⎯
⎯
µs
SDA setup time
(stop condition)
tSU:STO
⎯
4.0
⎯
⎯
µs
Bus-free time
tBUF
⎯
4.7
⎯
⎯
µs
・
AC Characteristics (I2C Bus Interface: Fast Mode 400kHz)
(VDD= 2.0 to 5.5V, SPVDD=2.0 to 5.5V, VSS= SPVSS=0V, Ta=−40 to +85°C, unless otherwise specified)
Rating
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SCL clock frequency
fSCL
⎯
0
⎯
400
kHz
SCL hold time
(start/restart condition)
tHD:STA
⎯
0.6
⎯
⎯
µs
SCL ”L” level time
tLOW
⎯
1.3
⎯
⎯
µs
SCL ”H” level time
tHIGH
⎯
0.6
⎯
⎯
µs
SCL setup time
(restart condition)
tSU:STA
⎯
0.6
⎯
⎯
µs
SDA hold time
tHD:DAT
⎯
0
⎯
⎯
µs
SDA setup time
tSU:DAT
⎯
0.1
⎯
⎯
µs
SDA setup time
(stop condition)
tSU:STO
⎯
0.6
⎯
⎯
µs
Bus-free time
tBUF
⎯
1.3
⎯
⎯
µs
P81/SCL
P80/SDA
Start
condition
Restart
condition
Stop
condition
tBUF
tHD:STA
tLOW
tHIGH
tSU:STA tHD:STA
tSU:DAT
tHD:DAT
tSU:STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com