Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7157ARDZ-03-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP7157ARDZ-03-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ARDZ-03-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP7157ARDZ-03-R7 Datasheet HTML 16Page - Analog Devices ADP7157ARDZ-03-R7 Datasheet HTML 17Page - Analog Devices ADP7157ARDZ-03-R7 Datasheet HTML 18Page - Analog Devices ADP7157ARDZ-03-R7 Datasheet HTML 19Page - Analog Devices ADP7157ARDZ-03-R7 Datasheet HTML 20Page - Analog Devices ADP7157ARDZ-03-R7 Datasheet HTML 21Page - Analog Devices ADP7157ARDZ-03-R7 Datasheet HTML 22Page - Analog Devices ADP7157ARDZ-03-R7 Datasheet HTML 23Page - Analog Devices ADP7157ARDZ-03-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADP7157
Data Sheet
Rev. A | Page 20 of 23
PSRR PERFORMANCE
The ADP7157 is available in four models that optimize power
dissipation and PSRR performance as a function of input and
output voltage. See Table 9 and Table 10 for selection guides.
It is recommended to select the corresponding product model for a
particular output voltage range to achieve optimized PSRR
performance. For example, select the ADP7157-04 model for
VOUT = 3.3V to achieve >80 dB PSRR (10 Hz to 100 kHz) with
500 mV headroom.
When considering a VOUT = 1.8 V case, note that all four product
models can generate a 1.8 V output, but the ADP7157-01 model
provides the best PSRR performance, though other models, like
the ADP7157-04, are still capable of generating 1.8 V output for
PSRR relaxed applications.
The ADP7157 supports a 2.3 V to 5.5 V input range. Typically, a
minimum 500 mV headroom is required to achieve the best PSRR
performance above the maximum output voltage (VOUT_MAX) at
1.2 A. For example, ADP7157-04 requires a minimum 3.8 V
input voltage to achieve the best PSRR performance for a 3.3 V
output at 1.2 A.
Table 9. Model Selection Guide for PSRR
Model
V
OUT_MAX (V)
PSRR (dB) at 1.2 A; V
IN = VOUT_MAX + 0.5 V
PSRR (dB) at 1.2 A; V
IN = VOUT_MAX + 0.6 V
10 kHz
100 kHz
1 MHz
10 kHz
100 kHz
1 MHz
ADP7157-01
1.8
70
78
52
75
85
55
ADP7157-02
2.3
72
70
53
75
83
57
ADP7157-03
2.9
75
78
55
79
94
60
ADP7157-04
3.3
82
72
55
84
86
60
Table 10. Model Selection Guide for Input Voltage
Model
AdjustableV
OUT Range (V)
V
OUT Range (V) for Optimized PSRR
V
REG (V)
V
INRange (V)
ADP7157-01
1.2 to 1.8
1.2 to 1.8
2.1
2.3 to 5.5
ADP7157-02
1.2 to 2.3
1.8 to 2.3
2.6
2.8 to 5.5
ADP7157-03
1.2 to 2.9
2.3 to 2.9
3.2
3.4 to 5.5
ADP7157-04
1.2 to 3.3
2.9 to 3.3
3.6
3.8 to 5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com