Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q359 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q359
Description  8-bit Microcontroller with Voice Output Function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q359 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML610Q359 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
FEDL610Q359-01
ML610Q359/ML610Q360
2/30
• Voice output function
− Voice synthesis method: 4-bit ADPCM2 / non-linear PCM / straight 8-bit PCM / straight 16-bit PCM
− Sampling frequency: 8/16/32 kHz; 10.7/21.3 kHz; 6.4/12.8/25.6 kHz
• D/A converter
− 12-bit D/A converter
• Speaker amplifier output power
− 0.5W(at 3.0V)
− Thermal detection circuit
− Disconnection detection circuit
• Synchronous serial port
− 2ch
− Master/slave selectable
− LSB first/MSB first selectable
− 8-bit length/16-bit length selectable
• UART
− Half-duplex × 2ch or half-duplex × 1ch + full-duplex × 1ch
− TXD / RXD
− Bit length, parity/no parity, odd parity/even parity, 1 stop bit/2 stop bits
− Positive logic/negative logic selectable
− Built-in baud rate generator
• Successive approximation type A/D converter
− 12-bit A/D converter
− Input: 4ch (ch0-2:External input
ch3: A regulator output (VDDR) or a temperature sensor output (TEMPO)
− Conversion time: 20 µs per channel at 8MHz AV
DD≧2.5V
− Conversion time: 28 µs per channel at 8MHz AV
DD≧2.2V
• Temperature sensor
− Measuring range : −40°C to +85°C
• Regulator output (V
DDR)
− 1.5V±50mV(at −40°C to +85°C and when a V
DDR pin is no-load)
− 1.5V / 0V / HiZ selectable
• General-purpose ports
− Non-maskable interrupt input port × 1ch
− Input-only port × 7ch
− Output-only port × 3ch (including secondary functions)
− Input/output × 29ch (including secondary functions)
• Supply voltage supervisor circuit
− Judgment accuracy:
±1.5% (Typ.)
− Judgment Voltage:
A binary to selection is possible
− This function can be used as supply voltage supervisor reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com