Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7158ACPZ-3.0-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP7158ACPZ-3.0-R7
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7158ACPZ-3.0-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP7158ACPZ-3.0-R7 Datasheet HTML 6Page - Analog Devices ADP7158ACPZ-3.0-R7 Datasheet HTML 7Page - Analog Devices ADP7158ACPZ-3.0-R7 Datasheet HTML 8Page - Analog Devices ADP7158ACPZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADP7158ACPZ-3.0-R7 Datasheet HTML 10Page - Analog Devices ADP7158ACPZ-3.0-R7 Datasheet HTML 11Page - Analog Devices ADP7158ACPZ-3.0-R7 Datasheet HTML 12Page - Analog Devices ADP7158ACPZ-3.0-R7 Datasheet HTML 13Page - Analog Devices ADP7158ACPZ-3.0-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Data Sheet
ADP7158
Rev. A | Page 9 of 22
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
ILOAD =0mA
ILOAD =10mA
ILOAD =100mA
ILOAD =600mA
ILOAD =1200mA
ILOAD =2000mA
2.32.73.13.53.94.34.75.1
5.5
VIN (V)
Figure 17. Output Voltage (VOUT) vs. Input Voltage (VIN)
at Various Loads, VOUT = 1.8 V
–40
–20
0
20406080
100
120
140
TEMPERATURE (ºC)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ILOAD =0mA
ILOAD =10mA
ILOAD = 100mA
ILOAD = 600mA
ILOAD = 1200mA
ILOAD = 2000mA
Figure 18. Ground Current (IGND) vs. Temperature
at Various Loads, VOUT = 1.8 V
0.1m
1m
10m
100m
1
10
ILOAD (A)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Figure 19. Ground Current (IGND) vs. Load Current (ILOAD), VOUT = 1.8 V
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5
5.3
5.6
VIN (V)
ILOAD =0mA
ILOAD =10mA
ILOAD = 100mA
ILOAD = 600mA
ILOAD = 1200mA
ILOAD = 2000mA
Figure 20. Ground Current (IGND) vs. Input Voltage (VIN)
at Various Loads, VOUT = 1.8 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 600mA
ILOAD = 1200mA
ILOAD = 2000mA
Figure 21. Power Supply Rejection Ratio (PSRR) vs. Frequency
at Various Loads, VOUT = 3.3 V, VIN = 4.0 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
900mV
800mV
700mV
600mV
500mV
Figure 22. Power Supply Rejection Ratio (PSRR) vs. Frequency at Various
Headroom Voltages, VOUT = 3.3 V, 2 A Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com