Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7156ARDZ-2.5-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP7156ARDZ-2.5-R7
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7156ARDZ-2.5-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP7156ARDZ-2.5-R7 Datasheet HTML 15Page - Analog Devices ADP7156ARDZ-2.5-R7 Datasheet HTML 16Page - Analog Devices ADP7156ARDZ-2.5-R7 Datasheet HTML 17Page - Analog Devices ADP7156ARDZ-2.5-R7 Datasheet HTML 18Page - Analog Devices ADP7156ARDZ-2.5-R7 Datasheet HTML 19Page - Analog Devices ADP7156ARDZ-2.5-R7 Datasheet HTML 20Page - Analog Devices ADP7156ARDZ-2.5-R7 Datasheet HTML 21Page - Analog Devices ADP7156ARDZ-2.5-R7 Datasheet HTML 22Page - Analog Devices ADP7156ARDZ-2.5-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
ADP7156
Data Sheet
Rev. A | Page 22 of 22
ORDERING GUIDE
Model1, 2
Temperature Range
Output Voltage (V)
Package Description
Package Option
Branding
ADP7156ACPZ-1.2-R7
−40°C to +125°C
1.2
10-Lead LFCSP
CP-10-9
LST
ADP7156ACPZ-1.8-R7
−40°C to +125°C
1.8
10-Lead LFCSP
CP-10-9
LSU
ADP7156ACPZ-2.0-R7
−40°C to +125°C
2.0
10-Lead LFCSP
CP-10-9
LTQ
ADP7156ACPZ-2.5-R7
−40°C to +125°C
2.5
10-Lead LFCSP
CP-10-9
LSV
ADP7156ACPZ-2.8-R7
−40°C to +125°C
2.8
10-Lead LFCSP
CP-10-9
LSW
ADP7156ACPZ-3.0-R7
−40°C to +125°C
3.0
10-Lead LFCSP
CP-10-9
LSY
ADP7156ACPZ-3.3-R7
−40°C to +125°C
3.3
10-Lead LFCSP
CP-10-9
LSZ
ADP7156ARDZ-1.2-R7
−40°C to +125°C
1.2
8-Lead SOIC_N_EP
RD-8-1
ADP7156ARDZ-1.8-R7
−40°C to +125°C
1.8
8-Lead SOIC_N_EP
RD-8-1
ADP7156ARDZ-2.0-R7
−40°C to +125°C
2.0
8-Lead SOIC_N_EP
RD-8-1
ADP7156ARDZ-2.5-R7
−40°C to +125°C
2.5
8-Lead SOIC_N_EP
RD-8-1
ADP7156ARDZ-2.8-R7
−40°C to +125°C
2.8
8-Lead SOIC_N_EP
RD-8-1
ADP7156ARDZ-3.0-R7
−40°C to +125°C
3.0
8-Lead SOIC_N_EP
RD-8-1
ADP7156ARDZ-3.3-R7
−40°C to +125°C
3.3
8-Lead SOIC_N_EP
RD-8-1
ADP7156CP-3.3EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
To order a device with voltage options of 1.3 V, 1.5 V, 1.6 V, 2.2 V, 2.6 V, 2.7 V, 2.9 V, 3.1 V, and 3.2 V, contact your local Analog Devices, Inc., sales or distribution
representative.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12937-0-5/16(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com