Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7158ARDZ-1.2-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP7158ARDZ-1.2-R7
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7158ARDZ-1.2-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP7158ARDZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP7158ARDZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP7158ARDZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP7158ARDZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP7158ARDZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP7158ARDZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP7158ARDZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP7158ARDZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP7158ARDZ-1.2-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Data Sheet
ADP7158
Rev. A | Page 13 of 22
THEORY OF OPERATION
The ADP7158 is an ultralow noise, high PSRR linear regulator
targeting radio frequency (RF) applications. The input voltage
range is 2.3 V to 5.5 V, and it can deliver up to 2 A of load
current. Typical shutdown current consumption is 0.2 μA at
room temperature.
Optimized for use with 10 μF ceramic capacitors, the ADP7158
provides excellent transient performance.
VREG
GND (EPAD)
VOUT
VIN
EN
REF
REF_SENSE
VOUT_SENSE
REFERENCE
SHUTDOWN
CURRENT-LIMIT,
THERMAL
PROTECTION
OTA
BYP
INTERNAL
REGULATOR
Figure 41. Simplified Internal Block Diagram
Internally, the ADP7158 consists of a reference, an error amplifier,
and a P-channel MOSFET pass transistor. Output current is
delivered via the PMOS pass device, which is controlled by the
error amplifier. The error amplifier compares the reference
voltage with the feedback voltage from the output and amplifies
the difference. If the feedback voltage is lower than the reference
voltage, the gate of the PMOS device is pulled lower, allowing
more current to pass and increasing the output voltage. If the
feedback voltage is higher than the reference voltage, the gate of
the PMOS device is pulled higher, allowing less current to pass
and decreasing the output voltage.
By heavily filtering the reference voltage, the ADP7158 can achieve
1.7 nV/√Hz typical output noise spectral density from 10 kHz
to 1 MHz. Because the error amplifier is always in unity gain,
the output noise is independent of the output voltage.
The ADP7158 uses the EN pin to enable and disable the VOUT pin
under normal operating conditions. When EN is high, VOUT
turns on, and when EN is low, VOUT turns off. For automatic
startup, tie EN to VIN.
4V
7V
4V 4V
4V
4V
4V
4V 4V 4V
7V
7V
4V
VIN
VREG
REF
REF_SENSE
BYP
VOUT
VOUT_SENSE
EN
GND (EPAD)
Figure 42. Simplified ESD Protection Block Diagram
The ESD protection devices are shown in the block diagram as
Zener diodes (see Figure 42).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com