Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML61Q0409 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML61Q0409
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML61Q0409 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML61Q0409 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML61Q0409 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML61Q0409 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML61Q0409 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML61Q0409 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML61Q0409 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML61Q0409 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML61Q0409 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML61Q0409 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
FEDL610Q409-05
ML610Q407/ML610Q408/ML610Q409
21/34
OPERATING CONDITIONS OF FLASH ROM
(VSS = 0V)
Parameter
Symbol
Condition
Range
Unit
Operating temperature
TOP
At write/erase
0 to +40
°C
VDD
At write/erase
*1
2.75 to 3.6
VDDL
At write/erase
*1
2.5 to 2.75
Operating voltage
VPP
At write/erase
*1
7.7 to 8.3
V
erase/program cycles
CEP
⎯
80
cycles
Data retention
YDR
⎯
10
years
*1: Those voltages must be supplied to V
DDL pin and VPP pin when programming and eraseing Flash ROM.
VPP pin has an internal pulldown resister.
DC CHARACTERISTICS (1/5)
(VDD = 1.25 to 3.6V, VSS = 0V, Ta = −20 to +70°C, Ta = −40 to +85°C for P version, unless otherwise specified)
Rating
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measuring
circuit
Ta = 25
°C
Typ.
−10%
500
Typ.
+10%
VDD = 1.25
to 3.6V
*
3
Typ.
−25%
500
Typ.
+25%
kHz
Ta = 25
°C
Typ.
−10%
2.0
Typ.
+10%
500kHz/2MHz RC oscillation
frequency
fRC
VDD = 1.80
to 3.6V
*
3
Typ.
−25%
2.0
Typ.
+25%
MHz
Low-speed crystal oscillation
start time*
2
TXTL
⎯
⎯
0.6
2
s
500kHz/2MHz RC oscillation
start time
TRC
⎯
⎯
⎯
0.3
µs
Low-speed oscillation stop
detect time
*1
TSTOP
⎯
12
16.4
41
ms
Reset pulse width
PRST
⎯
200
⎯
⎯
Reset noise elimination
pulse width
PNRST
⎯
⎯
⎯
0.3
µs
Power-on reset activation
power rise time
TPOR
⎯
⎯
⎯
10
ms
1
*
1: When low-speed crystal oscillation stops for a duration more than the low-speed oscillation stop detect time, the system is
reset to shift to system reset mode.
*
2 : 32.768KHz Crystal resonator DT-26 (Load capacitance 6pF) (made by KDS:DAISHINKU CORP.) is used (CGL=CDL=6pF).
*
3 : Recommended operating temperature (Ta = −20 to +70°C, Ta = −40 to +85°C for P version)
RESET_N
Reset pulse width (PRST)
VDD
0.9xVDD
0.1xVDD
TPOR
Power-on reset activation power rise time (TPOR )
PRST
VIL1
VIL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com