Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM45 Datasheet(PDF) 2 Page - Copal Electronics

Part # PLM45
Description  STEPPING MOTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PLM45 Datasheet(HTML) 2 Page - Copal Electronics

  PLM45 Datasheet HTML 1Page - Copal Electronics PLM45 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4/2 phases unipolar
Item
PLM45
STEPPING MOTORS
Number of phases / Excitation
Basic step angle
Steps
Inductance
Winding resistance
Input rating
Current
Pull-in torque
Pull-out torque
Pull-in pulse rate
Insulation resistance
Dielectric strength
Net weigh
Maximum continuous response frequency
Temperature
Insulation class
Input voltage
Output
Maximum output impressed voltage
Maximum output suction current
Ounput saturation voltage
PLM45-1000
■ STANDARD SPECIFICATIONS
3 °
(2 phases exciting)
 1.5 °
(1-2 phase exciting)
120(2 phases exciting)
 240(1-2 phase exciting)
72 Ω (± 10 %)
Average power consumption 5 W maximum
Refer to PERFORMANCE CURVES
Type E
30 MΩ minimum (DC 500 V)
AC100 V 1 second Leakage current 1 mA maximum
90 g
DC12 V ± 10 %
Open collector output
DC120 V(Recommended value:DC120 V)
50 mA(Recommended value:0.5 mA ~ 10 mA)
0.5 V Maximum (Ic = 10 mA)
09ZR-8 or ZHR-9 made by J.S.T. Mfg. Co., Ltd
28 mH(Reference value)
■ PERFORMANCE CURVES
■ TEMPERATURE CHARACTERISTICS
20
Torque
(mN·m)
Current
(mA)
Frequency (Hz)
10
400
200
0
100
200
300
400
500
600
Pull-out
Pull-in
Current
Voltage:12
Damper:24 V
Zener diode
2 phase exciting
60
50
40
30
20
10
010
20
30
(min)
Voltage:12 V
Drive frequency
 250 Hz
2 phase exciting
Pin No.
1 : Sensor output
6 : Motors φ 2C
2 : Sensor input (0 V)
7 : Motors φ 1C
3 : Sensor input (+ V)
8 : Motors φ 2
4 : Motors φ 2
9 : Motors φ 1
5 : Motors φ 1
※ These performance curves show actual value, not guaranteed value.
1
Φ
1C
Φ
1
Φ
2C
Φ
2
Φ
2
Φ
Connector terminal



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com