Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS83-103GG-R2 Datasheet(PDF) 2 Page - Copal Electronics

Part # PS83-103GG-R2
Description  PRESSURE SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS83-103GG-R2 Datasheet(HTML) 2 Page - Copal Electronics

  PS83-103GG-R2 Datasheet HTML 1Page - Copal Electronics PS83-103GG-R2 Datasheet HTML 2Page - Copal Electronics PS83-103GG-R2 Datasheet HTML 3Page - Copal Electronics PS83-103GG-R2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS83
PRESSURE SWITCHES
Pressure reference
Gauge
Absolute
0 ~ 49.0
0 ~ 98.1
0 ~ 343
0 ~ 981
0 ~
− 98.1
0 ~ 34.3
0 ~ 98.1
{0 ~ 0.5}
{0 ~ 1}
{0 ~ 3.5}
{0 ~ 10}
{0 ~
− 1}
{0 ~ 0.35}
{0 ~ 1}
kPa {kgf/cm2}
Rated pressure range
G 1/8(PF 1/8)
R 1/4 (PT 1/4)
VCR(9/16–18UNF)
Pressure port
■ LIST OF MODEL NUMBERS
PS83-501G
PS83-102G
PS83-352G
PS83-103G
PS83-102V
PS83-351A
PS83-102A
PS83-501G-R2
PS83-102G-R2
PS83-352G-R2
PS83-103G-R2
PS83-102V-R2
PS83-351A-R2
PS83-102A-R2
PS83-501G-VCR PS83-102G-VCR PS83-352G-VCR PS83-103G-VCR PS83-102V-VCR PS83-351A-VCR PS83-102A-VCR
※ Verify the above model numbers when placing orders.
■ STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Supply voltage
Pressure medium
Insulation resistanca
Dielectric strength
Sealed liquid
Pressure port
Net weight
Model number
PS83
501G
102G
102V
352G
103G
351A
102A
Gauge
Absolute
49.0
98.1
− 98.1
343
981
34.3 (abs)
98.1 (abs)
{0.5}
{1}
{
−1}
{3.5}
{10}
{0.35}
{1}
98.1
196
686
1961
103 (abs)
196 (abs)
{1}
{2}
{7}
{20}
{1.05}
{2}
147
294
1030
2941
147 (abs)
294 (abs)
{1.5}
{3}
{10.5}
{30}
{1.5}
{3}
Corrosive gases/liquids compatible with SUS 316L
Approx. 140
12 ~ 24
± 10 %
100 (500 V DC)
500 V AC, 60 s(Leakage current 1mA maximum)
Silicone oil
G 1/8 (PF 1/8)
※2, R 1/4 (PT 1/4), 1/4 VCR®
0 ~ 50
35 ~ 85(No condensation)
− 20 ~ 70(Atmospheric pressure humidity 65 %RH maximum)
− 20 ~ 70
kPa {kgf/cm2}
kPa {kgf/cm2}
kPa {kgf/cm2}
°C
°C
%RH
°C
M
Ω minimum
g
V DC
Ripple content
Consumption current
10 % (P-P) maximum
20 mA
maximum
maximum
※1 : Also compatible with SUS316 in case of PS83- □□□□ -VCR.
※2 : In case of G 1/8 type, An “O” ring is supplied as accessory.
(P15 for positive press., P12.5 for negative / absolute press.)
※1
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 12 V DC.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com