Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS83-501V-R2 Datasheet(PDF) 4 Page - Copal Electronics

Part # PS83-501V-R2
Description  PRESSURE SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS83-501V-R2 Datasheet(HTML) 4 Page - Copal Electronics

  PS83-501V-R2 Datasheet HTML 1Page - Copal Electronics PS83-501V-R2 Datasheet HTML 2Page - Copal Electronics PS83-501V-R2 Datasheet HTML 3Page - Copal Electronics PS83-501V-R2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
22
Pressure port
M 5 depth 6
Housing (Aluminum with alumite finish)
4-core shielded cable
L = 1500 50 AWG26 ULNo.2844
(
3.8)
φ
G 1/8 (PF 1/8)
(SUS 316L)
12
8
22.5
551
(10)
P 12.5
P 15
“O” ring groove depth 1.8
Setting VR 2
Setting VR 1
Indicator LED 2
Indicator LED 1
SW.OUT
Part No. label
22
Pressure port
M 5 depth 6
13.5
8
23.5
561
(10)
(SUS 316L)
R 1/4 (PT 1/4)
Setting VR 2
Setting VR 1
Indicator LED 2
Indicator LED 1
Part No. label
Housing
(Aluminum with alumite finish)
4-core shielded cable
L = 1500 50 AWG26 ULNo.2844
(
3.8)
φ
PS83
PRESSURE SWITCHES
OPS83(G 1/8 type)
OPS83(R1/4 type)
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.5(Unit: mm)
Wire color
Red
Green
White
Black
Shield
Connection
Power
B
Output 1
Output 2
Common
Fitting
OPS83(VCR type)
19
1/4 VCR
(SUS 316)
(16)
8.5
(26.5)
591
(10)
Setting VR 2
Setting VR 1
Indicator LED 2
Indicator LED 1
SW.OUT
Housing
(Aluminum with alumite finish)
4-core shielded cable
L = 1500 50 AWG26 ULNo.2844
(
3.8)
φ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com