Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIW3000 Datasheet(PDF) 13 Page - RF Micro Devices

Part # SIW3000
Description  ULTIMATEBLUE RADIO PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW3000 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button SIW3000 Datasheet HTML 9Page - RF Micro Devices SIW3000 Datasheet HTML 10Page - RF Micro Devices SIW3000 Datasheet HTML 11Page - RF Micro Devices SIW3000 Datasheet HTML 12Page - RF Micro Devices SIW3000 Datasheet HTML 13Page - RF Micro Devices SIW3000 Datasheet HTML 14Page - RF Micro Devices SIW3000 Datasheet HTML 15Page - RF Micro Devices SIW3000 Datasheet HTML 16Page - RF Micro Devices SIW3000 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13 of 24
SiW3000
60 0049 R01Drf SiW3000 Radio Processor DS
Receiver Specification (VBATT = 3.3 V, VCC=int. analog reg. output, nominal Bluetooth test conditions)
Note:
Nominal and extreme Bluetooth test conditions as defined by the Bluetooth Test and Interoperability Working Group published
RF Test Specification 1.1.
Transmitter Specification (VBATT = 3.3 V, VCC = int. analog reg. output, nom. Bluetooth test conditions)
Parameter
Description
Min
Typ
Max
Unit
Receiver sensitivity BER < 0.1%
–
-85
-80
dBm
Maximum
usable signal
BER < 0.1%
–
0
–
dBm
C/I co-channel
(0.1% BER)
Co-channel selectivity
–
8
11
dB
C/I 1 MHz
(0.1% BER)
Adjacent channel selectivity
–
-4
0
dB
C/I 2 MHz
(0.1% BER)
2nd adjacent channel selectivity
–
-38
-35
dB
C/I
≥ 3 MHz
(0.1% BER)
3rd adjacent channel selectivity
–
-43
-40
dB
Out-of-band
blocking
30 MHz - 2000 MHz
-10
–
–
dBm
2000 MHz - 2399 MHz
-27
–
–
dBm
2498 MHz - 3000 MHz
-27
–
–
dBm
3000 MHz - 12.75 GHz
-10
–
–
dBm
Intermodulation
Max interferer level to maintain 0.1% BER, interference
signals at 3 and 6 MHz offset.
-39
-36
–
dBm
Receiver spurious
emission
30 MHz to 1 GHz
–
–
-57
dBm
1 GHz to 12.75 GHz
–
–
-47
dBm
Parameter
Description
Min
Typ
Max
Units
Output RF transmit
power
At maximum power output level
-2
+2
+6
dBm
Modulation index
–
0.28
0.306
0.35
–
Initial carrier fre-
quency accuracy
–
-75
–
+75
kHz
Carrier frequency
drift
One slot packet
-25
–
+25
kHz
Two slot packet
-40
–
+40
kHz
Five slot packet
-40
–
+40
kHz
Max drift rate
–
–
400
Hz/µs
20 dB occupied
bandwidth
Bluetooth specification
–
–
1000
kHz
In-band spurious
emission
2 MHz offset
–
-74
-55
dBm
>3 MHz offset
–
-74
-55
dBm
Out-of-band
spurious
emission
30 MHz to 1 GHz, operating mode
–
-70
-55
dBm
1 GHz to 12.75 GHz, operating modea
a.Except transmit harmonics.
–
-70
-50
dBm
1.8 GHz to 1.9 GHz
–
–
-62
dBm
5.15 GHz to 5.3 GHz
–
–
-47
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com