Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIW3000GIP1 Datasheet(PDF) 2 Page - RF Micro Devices

Part # SIW3000GIP1
Description  ULTIMATEBLUE RADIO PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW3000GIP1 Datasheet(HTML) 2 Page - RF Micro Devices

  SIW3000GIP1 Datasheet HTML 1Page - RF Micro Devices SIW3000GIP1 Datasheet HTML 2Page - RF Micro Devices SIW3000GIP1 Datasheet HTML 3Page - RF Micro Devices SIW3000GIP1 Datasheet HTML 4Page - RF Micro Devices SIW3000GIP1 Datasheet HTML 5Page - RF Micro Devices SIW3000GIP1 Datasheet HTML 6Page - RF Micro Devices SIW3000GIP1 Datasheet HTML 7Page - RF Micro Devices SIW3000GIP1 Datasheet HTML 8Page - RF Micro Devices SIW3000GIP1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2 of 24
SiW3000
60 0049 R01Drf SiW3000 Radio Processor DS
Radio Features
•
Direct-conversion architecture with no external IF filter or VCO resonator components.
•
Single ended RF I/O reduces system bill of materials (BOM) costs by eliminating the need to use external balun and
switch circuits.
•
On-chip VCO and PLL support multiple GSM, CDMA, GPRS standard reference clock frequencies.
•
Low out-of-band spurious emission transmitter prevents blocking of sensitive mobile phone RF circuits.
•
No tuning during production.
•
Internal temperature compensation circuit stabilizes performance across wide operating temperature.
•
Fast settling synthesizer reduces power consumption.
•
Up to 100 meter operating range in standard configuration without using an external PA.
Baseband Features
•
ARM7TDMI processor core running at 16 MHz.
•
Digital GFSK modem for maximum performance and lower packet error rate.
•
On-chip CVSD conversion with hardware based gain adjustments to enhance audio quality.
•
Sleep control interface for low power operation modes.
•
Software execution from ROM or external FLASH memory.
Standard Protocol Stack Features
•
Full piconet connectivity with support for up to 7 active and 8 parked slaves.
•
Able to establish up to 3 SCO connections.
•
Scatternet capable and compatible with Microsoft HID devices.
•
Standard Bluetooth test modes.
•
Low power connection states supported with hold, sniff, and park modes.
Additional Protocol Stack Features
•
Channel Quality Driven Data Rate (CQDDR) optimizes data transfer rate in noisy or weak signal environments
•
Audio (SCO) routing over HCI interface for VOIP applications.
•
Support for Bluetooth + Wi-Fi coexistence technology.
•
Verified compatibility with multiple upper-layer stack vendors.
•
Extensive vendor specific HCI commands enables hardware specific controls.
•
Optional upper-layer stack and profiles can be licensed and integrated into the IC.
Bluetooth 1.2 Features
•
Adaptive frequency hopping (AFH).
•
Faster connections.
•
LMP improvements.
External System Interfaces
Host HCI Transport (H:2 USB)
The USB device interface provides a physical transport between the SiW3000 and the host for the transfer of Bluetooth
control signals and data. This transport layer is fully compliant with Section H:2 of the Bluetooth specification with all end
points supported. The SiW3000 USB interface encompasses three I/O signals: USB_DPLS, USB_DMNS, and
USB_DPLS_PULLUP. If the USB transport is not used, the USB_DPLS and USB_DMNS pins should be grounded to
reduce current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com