Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIW3000AIP1 Datasheet(PDF) 21 Page - RF Micro Devices

Part # SIW3000AIP1
Description  ULTIMATEBLUE RADIO PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW3000AIP1 Datasheet(HTML) 21 Page - RF Micro Devices

Back Button SIW3000AIP1 Datasheet HTML 16Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 17Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 18Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 19Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 20Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 21Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 22Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 23Page - RF Micro Devices SIW3000AIP1 Datasheet HTML 24Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21 of 24
SiW3000
60 0049 R01Drf SiW3000 Radio Processor DS
Tape Detail (6 mm x 6 mm VFBGA)
Note:
1. Tolerances ±0.10 unless otherwise specified.
2. 10 sprocket hole pitch cumulative tolerance ±0.2
3. Camber not to exceed 1mm in 100 mm.
4. Material: Black Advantek Polystyrene.
5. Ao and Bo measured on a plane 0.3 mm above the bottom of the pocket.
6. Ko measured from a plane on the inside bottom of the pocket to the top surface of the carrier.
7. Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole.
8. All dimensions in millimeters.
DIRECTION OF FEED
0.25
16 ±0.3
SECTION B-B
Ao= 6.30 mm
Bo= 6.30 mm
Ko= 1.50 mm
SECTION A-A
R0.30
(TYP.)
Ko
A
B
See Note 1
See Note 6
A
B
4.0
1.50
2.0
1.50
(MIN)
1.75
Bo
Ao
12.0
R0.25
+0.1
0.0
0.30 ±0.05
7.5
See Note 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com