Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSOD5819AS2 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CSOD5819AS2
Description  1.0Amp. Surface Mount Schottky Barrier Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSOD5819AS2 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CSOD5819AS2 Datasheet HTML 1Page - Cystech Electonics Corp. CSOD5819AS2 Datasheet HTML 2Page - Cystech Electonics Corp. CSOD5819AS2 Datasheet HTML 3Page - Cystech Electonics Corp. CSOD5819AS2 Datasheet HTML 4Page - Cystech Electonics Corp. CSOD5819AS2 Datasheet HTML 5Page - Cystech Electonics Corp. CSOD5819AS2 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C062S2
Issued Date : 2016.08.01
Revised Date :
Page No. : 1/6
CSOD5817-5819S2
CYStek Product Specification
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5819AS2
Features
 For surface mounted applications.
 For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
 Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
 Low leakage current
 High surge capability
 High temperature soldering: 250C/10 seconds at terminals
 Exceeds environmental standards of MIL-S-19500/228
 RoHS compliant package
Mechanical Data
 Case: Molded plastic, JEDEC SOD-323.
 Terminals: Pure tin plated, Solderable per MIL-STD-750 method 2026
 Polarity: Indicated by cathode band.
 Weight: 4.507 mg approximately
Symbol
Outline
Ordering Information
Device
Package
Shipping
CSOD5819AS2-0-T1-G
SOD-323
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs/ tape & reel in 7” reel
Product rank, zero for no rank products
Product name
CSOD58XXAS2
SOD-323
2 (Anode)


Similar Part No. - CSOD5819AS2

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSOD5819S2 CYSTEKEC-CSOD5819S2 Datasheet
258Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - CSOD5819AS2

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMASS1XAS CYSTEKEC-CSMASS1XAS Datasheet
145Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSA CYSTEKEC-SK1XSA Datasheet
87Kb / 3P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD120LSH CYSTEKEC-CSOD120LSH Datasheet
235Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD1100SH CYSTEKEC-CSOD1100SH Datasheet
223Kb / 4P
1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5819S2 CYSTEKEC-CSOD5819S2 Datasheet
258Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK1BSA CYSTEKEC-SK1BSA Datasheet
235Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK16SA CYSTEKEC-SK16SA Datasheet
359Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK14SB CYSTEKEC-SK14SB Datasheet
199Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SA CYSTEKEC-SK12SA Datasheet
359Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com