Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q461 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q461
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q461 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q461 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
FEDL610Q461-03
ML610Q461/ML610Q462/ML610Q463
21/29
MEASURING CIRCUITS
MEASURING CIRCUIT 1
MEASURING CIRCUIT 2
V
VDD VDDL
VL1
VL2
VL3
VSS
VIH
VIL
(*1) Input logic circuit to determine the specified measuring conditions.
(*2) Measured at the specified output pins.
(*2)
(*1)
CV:
1
µF
CL:
0.47
µF
Ca,Cb,Cc:
0.1
µF
C12:
0.47
µF
32.768kHz crystal: DT-26 (Load capacitance 6pF)
(made by KDS:DAISHINKU CORP.)
CGL, CDL:
6pF
XT0
XT1
A
VDD
VDDL
CL
VL1
Ca
VL2 VL3
Cc
VSS
C2
C1
C12
CV
32.768kHz crystal
CGL
CDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com