Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q477 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q477
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q477 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML610Q477 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610Q477 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610Q477 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610Q477 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610Q477 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610Q477 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610Q477 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610Q477 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610Q477 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
FEDL610Q479-03
ML610Q477/ML610Q478/ML610Q479
2/31
• Timers
- 8 bits x 6 channels [also available is 16-bit x 3 configuration (using Timers 0-1, 2-3, or C-D) ]
- Clock frequency measurement function mode (16-bit configuration using Timers 2 and 3 x 1 channel only)
- The timer C and timer D are controlled by the external trigger.
- The timer C and timer D are used for the one-shot timer mode.
• Capture
- Time base capture x 2 channels (4096 Hz to 32 Hz)
• UART
- TXD/RXD × 1 channel
- Bit length, parity/no parity, odd parity/even parity, 1 stop bit/2 stop bits
- Positive logic/negative logic selectable
- Built-in baud rate generator
• RC oscillation type A/D converter
- 16-bit counter
- Time division x 1 channels
• Analog Comparator
- Operating voltage:
VDD=1.8V~3.6V
- Common mode input voltage:
0.2V~VDD-1.0V
- Input offset voltage:
50mV(max)
- Interrupt allow edge selection and sampling selection
- The RC discharged type A/D convertor is configured with the timers C and D.
- The temperature measurement function using built-in temperature sensor.
Temperature measurement range: -40°C to +85°C , default measurement accuracy:
±2°C
- The reference voltage can be switched between CMPP0, CMPP1, CMPM0, CMPM1, temperature sensor and the internal
0.7V voltage source.
• General-purpose ports
- Input-only port: 4 channels (including secondary functions)
- Output-only port
ML610Q477: 10 channels (including secondary functions)
ML610Q478: 6 channels (including secondary functions)
ML610Q479: 2 channels (including secondary functions)
- Input/output port: 15 channels (including secondary functions)
• LCD driver
- Number of segments
ML610Q477: Up to 135 dots (select among 27 segments x 5 commons, 28 segments x 4 commons, 29 segments x 3
commons, and 30 segments x 2 commons)
ML610Q478: Up to 155 dots (select among 31 segments x 5 commons, 32 segments x 4 commons, 33 segments x 3
commons, and 34 segments x 2 commons)
ML610Q479: Up to 175 dots (select among 35 segments x 5 commons, 36 segments x 4 commons, 37 segments x 3
commons, and 38 segments x 2 commons)
- 1/1 to 1/5 duty
- 1/2 or 1/3 bias (built-in bias generation circuit)
- Frame frequency selectable (approx. 64 Hz, 73 Hz, 85 Hz, and 102 Hz)
- Bias voltage multiplying clock selectable (8 types)
- LCD drive stop mode, LCD display mode, all LCDs on mode, and all LCDs off mode selectable
• Reset
- Reset through the RESET_N pin
- Power-on reset generation when powered on
- Reset by the watchdog timer (WDT) overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com