Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q482 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q482
Description  8-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q482 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q482 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610Q482 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610Q482 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610Q482 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610Q482 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610Q482 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610Q482 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610Q482 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610Q482 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
FEDL610Q482-02
ML610Q482/ML610482
21/32
DC CHARACTERISTICS (ML610482) (4/6)
(VDD = 1.1 to 3.6V, VSS = 0V, Ta=-20 to +70°C, Ta=-40 to +85°C for P version, unless otherwise specified)
Rating
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measuring
circuit
Ta = 25
°C
⎯
0.2
0.5
Supply current 1
IDD1
CPU: In STOP state.
Low-speed/high-speed
oscillation: stopped.
⎯
⎯
⎯
2.5
µA
Ta = 25
°C
⎯
0.5
1.3
Supply current 2
IDD2
CPU: In HALT state (LTBC,
WDT: Operating*
2*4).
High-speed oscillation: Stopped.
⎯
⎯
⎯
3.5
µA
Ta = 25
°C
⎯
3
5
Supply current 3
IDD3
CPU: In 32.768kHz operating
state.*
1*2
High-speed oscillation: Stopped.
⎯
⎯
⎯
8
µA
Ta = 25
°C
⎯
40
65
Supply current 4
IDD4
CPU: In 500kHz CR operating
state.
⎯
⎯
⎯
75
µA
Ta = 25
°C
⎯
0.5
0.65
Supply current 5
IDD5
CPU: In 4.096MHz operating
state*
2.PLL: In oscillating state.
VDD = 1.8 to 3.6V
⎯
⎯
⎯
0.75
mA
Ta = 25
°C
⎯
0.9
1.1
Supply current 6
IDD6
CPU: In 4.096MHz operating
state.Crystal/ceramic: In
oscillating state. *
2*3
VDD = 3.0V
⎯
⎯
⎯
1.3
mA
1
*
1: When the CPU operating rate is 100% (No HALT state).
*
2: Use 32.768KHz Crystal Oscillator C-001R (Epson Toyocom) with capacitance CGL/CDL=0pF.
*
3: Use 4.096MHz Crystal Oscillator HC49SFWB (Kyocera).
*
4: Significant bits of BLKCON0~BLKCON4 registers are all “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com