Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q793 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q793
Description  8-bit Microcontroller for Sensor Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q793 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML610Q793 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610Q793 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610Q793 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610Q793 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610Q793 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610Q793 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610Q793 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610Q793 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610Q793 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
FEDL610Q793-02
ML610Q793
2/24
● General-purpose I/O port
—8-bit input/output port x 2ch
—5-bit input/output port x 1ch
● A/D converter
—12-bit successive approximation type A/D converter x 3ch
● Arithmetic circuit
—Root operation (Input: 18 bit, Output: 19 bit)
● Power consumption control function
—CPU operation mode
Supports high frequency operation and low frequency operation
—HALT mode
Supports the HALT mode for stopping CPU only
Returning for HALT mode : 77usec
● Input clock
—32.768 kHz (External clock input)
● Power supply voltage
—Analog section:(using ADC) 2.5V to 3.6V
(not using ADC) 1.7V to 1.9V
—Digital I/O section:
1.7V to 1.9V
—Digital core section:
1.7V to 1.9V
● Power consumption
—High-speed operation (4.096MHz): 0.93mA
—HALT Mode:
0.6uA
● Operating frequency
—High-speed clock:
4.096 MHz
—Low-speed clock:
32.768kHz
● Operating temperature
—Ambient temperature:
-30°C to +85°C (FLASH erase/programming -30°C to +60°C)
● Package
—48-pin WL-CSP (S-UFLGA48-3.06x2.96-0.40-W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com