Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML630Q464 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML630Q464
Description  Ultra Low Power 32-bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML630Q464 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML630Q464 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
FEDL630Q464-01
ML630Q464/Q466
2/37
•
Timers (TMR)
−
8 bits × 8 channels
(Timer0-7: 16-bit x 4 configuration available by using Timer0-1 or Timer2-3, Timer4-5, Timer6-7)
−
Selection of one shot timer mode is possible
−
External clock can be selected as timer clock.
•
Function Timers (FTM)
−
16-bit × 4 channels
−
Equipped with the timer/capture/PWM functions using a 16-bit counter
−
An event trigger (external pin input interrupt or timer interrupt request) can control start/stop/clear of the timer (however,
the minimum pulse width of pin input is timer clock 3φ)
−
1 to 64 dividing of LSCLK/OSCLK/HSCLK/external input selectable as timer clock
−
Two types of PWM with the same period and different duties and complementary PWM with the dead time set can be
output.
•
Real Time Clock (RTC)
−
1 channels (99 years calendar, alarm, revision of the clock)
•
Watchdog timer (WDT)
−
Non-maskable interrupt and reset
−
Free running
−
Overflow period: 4 types selectable (125ms, 500ms, 2s, and 8s when LSCLK = 32.768 kHz)
•
Synchronous serial port (SSIOF/SSIO)
−
without FIFOs (SSIO) : 1 channel
−
with 16-byte transmits and receives FIFOs (SSIOF) : 1 channel
−
Master/slave selectable
−
LSB first/MSB first selectable
−
Clock polarity (data out at rising edge and data in at falling edge/data out at falling edge and data in at rising edge)
selectable
−
8-bit length/16-bit length selectable
−
Initial clock level (High start/Low start) selectable
−
supports slave-select signal (only SSIOF)
•
UART (UARTF/UART)
−
without FIFOs (UART) : 1channel
−
with 16-byte transmits and receives FIFOs (UARTF) :1 channels
−
Full duplex buffer system
−
Communication speed: Settable within the range of 2400bps to 115200bps.
−
Programmable interface (data length, parity, stop bits selectable)
•
I2C bus interface (I2CF/I2C)
−
without FIFOs(I2C) :1 channel
−
with 16-byte transmits and receives FIFOs (I2CF) : 1 channels
−
Master/slave function (only I2CF)
−
Fast mode (400 kHz), standard mode (100 kHz)
•
USB full-speed device
−
Compliant with Universal Serial Bus (USB)
−
Full speed (12 Mbps) 1 port.
−
End points: 5 or 6
−
Supports all data transfer types (control transfer, bulk transfer, interrupt transfer, isochronous transfer).
−
Built-in SOF generation and CRC5/16 generation functions
−
Access size to data transfer FIFOs: 8 bits/16 bits/32 bits
•
General-purpose ports (PORT)
−
Input/output port × 38 channels (including secondary or tertiary or quaternary or quinary functions).
(ML630Q464 and ML630Q466: including LCD com/seg ports ( each 20 ports ))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com