Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307 Datasheet(PDF) 21 Page - Exar Corporation

Part # CDK8307
Description  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK8307 Datasheet(HTML) 21 Page - Exar Corporation

Back Button CDK8307 Datasheet HTML 17Page - Exar Corporation CDK8307 Datasheet HTML 18Page - Exar Corporation CDK8307 Datasheet HTML 19Page - Exar Corporation CDK8307 Datasheet HTML 20Page - Exar Corporation CDK8307 Datasheet HTML 21Page - Exar Corporation CDK8307 Datasheet HTML 22Page - Exar Corporation CDK8307 Datasheet HTML 23Page - Exar Corporation CDK8307 Datasheet HTML 24Page - Exar Corporation CDK8307 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
©2009-2013 Exar Corporation
21/31
Rev 1C
Table 10. LVDS Test Patterns
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
en_ramp
Enables a repeating full-scale
ramp pattern on the outputs
Inactive
X 0 0
25
dual_custom_pat Enable the mode wherein the output
toggles between two defined codes
Inactive
0 X 0
single_custom_
pat
Enables the mode wherein the
output is a constant specified code
Inactive
0 0 X
bits_cus-
tom1<13:0>
Bits for the single custom pattern
and for the first code of the dual
custom pattern. <0> is the LSB
Inactive
X X X X X X X X X X X X X X
26
bits_cus-
tom2<13:0>
Bits for the second code of the
dual custom pattern
Inactive
X X X X X X X X X X X X X X
27
pat_deskew
Enable deskew pattern mode
Inactive
0 X
45
pat_sync
Enable sync pattern mode
Inactive
X 0
To ease the LVDS synchronization setup of CDK8307, several test patterns can be set up on the outputs. Normal ADC
data are replaced by the test pattern in these modes. Setting
en_ramp to '1' sets up a repeating full-scale ramp pattern
on all data outputs. The ramp starts at code zero and is increased 1LSB every clock cycle. It returns to zero code and
starts the ramp again after reaching the full-scale code.
A constant value can be set up on the outputs by setting
single_custom_pat to '1', and programming the desired value
in
bits_custom1<13:0>. In this mode, bits_custom1<13:0> replaces the ADC data at the output, and is controlled by
LSB-first and MSB-first modes in the same way as normal ADC data are.
The device may also be made to alternate between two codes by programming
dual_custom_pat to '1'. The two codes
are the contents of
bits_custom1<13:0> and bits_custom2<13:0>. Two preset patterns can also be selected:
1. Deskew pattern: Set using
pat_deskew, this mode replaces the ADC output with '01010101010101' (two LSBs
removed in 12 bit mode).
2. Sync pattern: Set using
pat_sync, the normal ADC word is replaced by a fixed 1111110000000 word.
Note: Only one of the above patterns should be selected at the same time.
Table 11. Programmable Gain
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
gain_ch1<3:0>
Programmable gain for channel 1 0dB gain
X X X X
2A
gain_ch2<3:0>
Programmable gain for channel 2 0dB gain
X X X X
gain_ch3<3:0>
Programmable gain for channel 3 0dB gain
X X X X
gain_ch4<3:0>
Programmable gain for channel 4 0dB gain
X X X X
gain_ch5<3:0>
Programmable gain for channel 5 0dB gain
X X X X
2B
gain_ch6<3:0>
Programmable gain for channel 6 0dB gain
X X X X
gain_ch7<3:0>
Programmable gain for channel 7 0dB gain
X X X X
gain_ch8<3:0>
Programmable gain for channel 8 0dB gain
X X X X
CDK8307 includes a purely digital programmable gain option in addition to the Full-scale Control. The programmable
gain of each channel can be individually set using a set of four bits, indicated as
gain_chn<3:0> for Channel x. The gain
setting is coded in binary from 0dB to 12dB, as shown in Table 12 on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com