Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3004 Datasheet(PDF) 7 Page - Exar Corporation

Part # CLC3004
Description  Single and Triple, 750MHz Amplifiers with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC3004 Datasheet(HTML) 7 Page - Exar Corporation

Back Button CLC3004 Datasheet HTML 3Page - Exar Corporation CLC3004 Datasheet HTML 4Page - Exar Corporation CLC3004 Datasheet HTML 5Page - Exar Corporation CLC3004 Datasheet HTML 6Page - Exar Corporation CLC3004 Datasheet HTML 7Page - Exar Corporation CLC3004 Datasheet HTML 8Page - Exar Corporation CLC3004 Datasheet HTML 9Page - Exar Corporation CLC3004 Datasheet HTML 10Page - Exar Corporation CLC3004 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
©2007-2013 Exar Corporation
7/20
Rev 1C
Electrical Characteristics at ±5V
TA = 25°C, Vs = ±5V, Rf = Rg =150Ω, RL = 150Ω, G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.2Vpp
750
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
350
MHz
BW0.1dBSS
0.1dB Gain Flatness
G = +2, VOUT = 0.2Vpp
200
MHz
BW0.1dBLS
0.1dB Gain Flatness
G = +2, VOUT = 2Vpp
120
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 2V step; (10% to 90%)
1.3
ns
tS
Settling Time to 0.1%
VOUT = 2V step
10
ns
OS
Overshoot
VOUT = 0.2V step
1.5
%
SR
Slew Rate
2V step
1400
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
VOUT = 2Vpp, 5MHz
-71
dBc
HD3
3rd Harmonic Distortion
VOUT = 2Vpp, 5MHz
-82
dBc
THD
Total Harmonic Distortion
VOUT = 2Vpp, 5MHz
70
dB
DG
Differential Gain
NTSC (3.58MHz), AC-coupled, RL = 150Ω
0.02
%
DP
Differential Phase
NTSC (3.58MHz), AC-coupled, RL = 150Ω
0.01
°
IP3
Third Order Intercept
VOUT = 2Vpp, 10MHz
41
dBm
SFDR
Spurious Free Dynamic Range
VOUT = 1Vpp, 5MHz
65
dBc
en
Input Voltage Noise
> 1MHz
4
nV/√Hz
in
Input Current Noise
> 1MHz
4
pA/√Hz
XTALK
Crosstalk
Channel-to-channel 5MHz, VOUT = 2Vpp
70
dB
DC Performance
VIO
Input Offset Voltage(1)
-10
0
10
mV
dVIO
Average Drift
4
µV/°C
Ib
Input Bias Current (1)
-20
3.2
20
µA
dIb
Average Drift
20
nA/°C
PSRR
Power Supply Rejection Ratio (1)
DC
40
56
dB
AOL
Open-Loop Gain
VOUT = VS / 2
70
dB
IS
Supply Current (1)
per channel
12
17
mA
Disable Characteristics
TON
Turn On Time
20
ns
TOFF
Turn Off Time
40
ns
OFFIOS
Off Isolation
5MHz
-78
dB
VOFF
Power Down Input Voltage
DIS pin, disabled if pin is pulled above VOFF =
Vs - 1V
Disabled if > (Vs - 1V)
V
VON
Enable Input Voltage
DIS pin, enabled if pin is grouned, left open,
or pulled below VON = Vs - 2V
Enabled if < (Vs - 2V)
V
ISD
Disable Supply Current (1)
CLC1004; DIS pin is pulled to VS
0.4
0.8
mA
CLC3004; DIS pin is pulled to VS
0.4
0.9
mA
Input Characteristics
RIN
Input Resistance
Non-inverting
4.5
MΩ
CIN
Input Capacitance
1.0
pF
CMIR
Common Mode Input Range
±3.2
V
CMRR
Common Mode Rejection Ratio (1)
DC
40
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com