Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1010 Datasheet(PDF) 7 Page - Exar Corporation

Part # CLC1010
Description  Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1010 Datasheet(HTML) 7 Page - Exar Corporation

Back Button CLC1010 Datasheet HTML 3Page - Exar Corporation CLC1010 Datasheet HTML 4Page - Exar Corporation CLC1010 Datasheet HTML 5Page - Exar Corporation CLC1010 Datasheet HTML 6Page - Exar Corporation CLC1010 Datasheet HTML 7Page - Exar Corporation CLC1010 Datasheet HTML 8Page - Exar Corporation CLC1010 Datasheet HTML 9Page - Exar Corporation CLC1010 Datasheet HTML 10Page - Exar Corporation CLC1010 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
©2009-2013 Exar Corporation
7/15
Rev 1D
Typical Performance Characteristics
TA = 25°C, Vs = +5V, Rf = Rg =2.5kΩ, RL = 2kΩ to VS/2, G = 2; unless otherwise noted.
Crosstalk vs Frequency
Large Signal Pulse Response
CMRR
PSRR
2nd & 3rd Harmonic Distortion
2nd & 3rd Harmonic Distortion at VS = 2.7V
Frequency (kHz)
10
100
3rd
1000
2nd
-90
-80
-70
-60
-50
-40
-30
-20
Vo = 2Vpp
Frequency (kHz)
10
100
3rd
1000
2nd
-90
-80
-70
-60
-50
-40
-30
-20
Vo = 1Vpp
Frequency (Hz)
1
10
100
100k
10k
1k
1M
-100
-90
-80
-70
-60
0
-50
-40
-10
-30
-20
Frequency (Hz)
1
10
100
100k
10k
1k
1M
-80
-70
-60
-50
-40
0
-30
-20
-10
Time (1µs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com