Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1020 Datasheet(PDF) 7 Page - Exar Corporation

Part # CLC1020
Description  General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1020 Datasheet(HTML) 7 Page - Exar Corporation

Back Button CLC1020 Datasheet HTML 3Page - Exar Corporation CLC1020 Datasheet HTML 4Page - Exar Corporation CLC1020 Datasheet HTML 5Page - Exar Corporation CLC1020 Datasheet HTML 6Page - Exar Corporation CLC1020 Datasheet HTML 7Page - Exar Corporation CLC1020 Datasheet HTML 8Page - Exar Corporation CLC1020 Datasheet HTML 9Page - Exar Corporation CLC1020 Datasheet HTML 10Page - Exar Corporation CLC1020 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
©2009-2013 Exar Corporation
7/14
Rev 1B
Typical Performance Characteristics - Continued
TA = 25°C, VS = +5V, Rf = Rg =10kΩ, RL = 10kΩ to VS/2, G = 2; unless otherwise noted.














 



Ω

Ω

Ω

Ω










Ω
 

Ω


Ω

Ω

Ω

Ω










Ω
 

Ω














 


 
 
 










 
 









Large Signal Freq. Resp. +5V
Large Signal Freq. Resp. +2.7V
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Freq. Resp. vs. R
L +2.7V
Freq. Resp. vs. R
L +5V
Freq. Resp. vs. C
L RL=1MΩ +2.7V
Freq. Resp. vs. C
L RL=1MΩ +5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com