Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1200 Datasheet(PDF) 7 Page - Exar Corporation

Part # CLC1200
Description  Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1200 Datasheet(HTML) 7 Page - Exar Corporation

Back Button CLC1200 Datasheet HTML 3Page - Exar Corporation CLC1200 Datasheet HTML 4Page - Exar Corporation CLC1200 Datasheet HTML 5Page - Exar Corporation CLC1200 Datasheet HTML 6Page - Exar Corporation CLC1200 Datasheet HTML 7Page - Exar Corporation CLC1200 Datasheet HTML 8Page - Exar Corporation CLC1200 Datasheet HTML 9Page - Exar Corporation CLC1200 Datasheet HTML 10Page - Exar Corporation CLC1200 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2008-2014 Exar Corporation
7 / 15
exar.com/CLC1200
Rev 2E
CLC1200
Typical Performance Characteristics
TA = 25°C, VS = ±15V, RL = 2kΩ to GND; unless otherwise noted.
Large Signal Pulse Response (G = 1)
Large Signal Settling Time (G = 1)
Input Voltage Range vs.VS
Output Voltage Swing vs. RL
Gain vs. Frequency
Output Voltage Swing vs.VS
-20
-10
0
10
20
30
40
50
60
70
0.0001
0.001
0.01
0.1
1
10
Frequency (MHz)
G = 1000
G = 100
G = 10
G = 1
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
Supply Voltage (+/- V)
G = 10
RL=2kΩ
RL=2kΩ
RL=10kΩ
RL=10kΩ
+VS -
-VS +
Referred to Supply Voltages
-2
-1
0
1
2
0
5
10
15
20
Supply Voltage (+/- V)
G = 10
+VS -
-VS +
Referred to Supply Voltages
G = 10
+VS-
-VS+
0
10
20
30
0.01
0.1
1
10
Load Resistance (kΩ
)
-7.5
-5
-2.5
0
2.5
5
7.5
0
20
40
60
80
100
Time (us)
G = 1, RL=2K
-0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0
5
10
15
20
25
30
35
40
45
Time (us)
G = 1, 5V Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com