Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2023 Datasheet(PDF) 7 Page - Exar Corporation

Part # CLC2023
Description  Dual, Low Distortion, Low Offset, RRIO Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2023 Datasheet(HTML) 7 Page - Exar Corporation

Back Button CLC2023 Datasheet HTML 3Page - Exar Corporation CLC2023 Datasheet HTML 4Page - Exar Corporation CLC2023 Datasheet HTML 5Page - Exar Corporation CLC2023 Datasheet HTML 6Page - Exar Corporation CLC2023 Datasheet HTML 7Page - Exar Corporation CLC2023 Datasheet HTML 8Page - Exar Corporation CLC2023 Datasheet HTML 9Page - Exar Corporation CLC2023 Datasheet HTML 10Page - Exar Corporation CLC2023 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2007-2014 Exar Corporation
7 / 18
exar.com/CLC2023
Rev 1D
CLC2023
Typical Performance Characteristics
TA = 25°C, VS = ±5V, Rf = 1kΩ, RL = 1kΩ, G = 2; unless otherwise noted.
-3dB Bandwidth vs. Output Voltage at VS = 3V
-3dB Bandwidth vs. Output Voltage
Frequency Response vs.VOUT at VS = 3V
Frequency Response vs. RL at VS = 3V
Non-Inverting Frequency Response at VS = 3V
Inverting Frequency Response at VS = 3V
-9
-6
-3
0
3
0.1
1
10
100
Frequency (MHz)
G = 1
Rf = 0
G = 2
G = 5
G = 10
VOUT = 0.05Vpp
-7
-6
-5
-4
-3
-2
-1
0
1
0.1
1
10
100
Frequency (MHz)
G = -1
G = -2
G = -5
G = -10
VOUT = 0.05Vpp
-9
-6
-3
0
3
0.1
1
10
100
Frequency (MHz)
VOUT = 1Vpp
VOUT = 2Vpp
VOUT = 2.5Vpp
-6
-5
-4
-3
-2
-1
0
1
2
0.1
1
10
100
Frequency (MHz)
RL = 2.5KΩ
VOUT = 0.05Vpp
RL = 1KΩ
RL = 150Ω
RL = 50Ω
0
3
6
9
12
15
18
21
24
0.0
0.5
1.0
1.5
2.0
2.5
VOUT (VPP)
0
3
6
9
12
15
18
21
24
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VOUT (VPP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com