Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2011ISO8X Datasheet(PDF) 17 Page - Exar Corporation

Part # CLC2011ISO8X
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2011ISO8X Datasheet(HTML) 17 Page - Exar Corporation

Back Button CLC2011ISO8X Datasheet HTML 9Page - Exar Corporation CLC2011ISO8X Datasheet HTML 10Page - Exar Corporation CLC2011ISO8X Datasheet HTML 11Page - Exar Corporation CLC2011ISO8X Datasheet HTML 12Page - Exar Corporation CLC2011ISO8X Datasheet HTML 13Page - Exar Corporation CLC2011ISO8X Datasheet HTML 14Page - Exar Corporation CLC2011ISO8X Datasheet HTML 15Page - Exar Corporation CLC2011ISO8X Datasheet HTML 16Page - Exar Corporation CLC2011ISO8X Datasheet HTML 17Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
For Further Assistance:
Email: CustomerSupport@exar.com or HPATechSupport@exar.com
Exar Technical Documentation: http://www.exar.com/techdoc/
Exar Corporation Headquarters and Sales Offices
48760 Kato Road
Tel.: +1 (510) 668-7000
Fremont, CA 94538 - USA
Fax: +1 (510) 668-7001
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. EXAR Corporation
assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free
of patent infringement. Charts and schedules contained here in are only for illustration purposes and may vary depending upon a user’s specific application. While the information
in this publication has been carefully checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected
to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation
receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of EXAR
Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
© 2009 - 2014 Exar Corporation
17 / 17
exar.com/CLC2011
Rev 1D
CLC2011, CLC4011
Ordering Information
Part Number
Package
Green
Operating Temperature Range
Packaging
CLC2011 Ordering Information
CLC2011ISO8X
SOIC-8
Yes
-40°C to +125°C
Tape & Reel
CLC2011ISO8MTR
SOIC-8
Yes
-40°C to +125°C
Mini Tape & Reel
CLC2011ISO8EVB
Evaluation Board
N/A
N/A
N/A
CLC2011IMP8X
MSOP-8
Yes
-40°C to +125°C
Tape & Reel
CLC2011IMP8MTR
MSOP-8
Yes
-40°C to +125°C
Mini Tape & Reel
CLC2011IMP8EVB
Evaluation Board
N/A
N/A
N/A
CLC4011 Ordering Information
CLC4011ISO14X
SOIC-14
Yes
-40°C to +125°C
Tape & Reel
CLC4011ISO14MTR
SOIC-14
Yes
-40°C to +125°C
Mini Tape & Reel
CLC4011ISO14EVB
Evaluation Board
N/A
N/A
N/A
CLC4011ITP14X
TSSOP-14
Yes
-40°C to +125°C
Tape & Reel
CLC4011ITP14MTR
TSSOP-14
Yes
-40°C to +125°C
Mini Tape & Reel
CLC4011ITP14EVB
Evaluation Board
N/A
N/A
N/A
Moisture sensitivity level for all parts is MSL-1. Mini tape and reel quantity is 250.
Revision History
Revision
Date
Description
1D (ECN 1504-01)
January 19,
2015
Reformat into Exar data sheet template. Updated PODs and thermal resistance numbers. Updated
ordering information table to include MTR and EVB part numbers. Increased operating temperature to
+125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com