Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC4550 Datasheet(PDF) 5 Page - Exar Corporation

Part # CLC4550
Description  Low Power, Low Offset, 2V to 36V Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC4550 Datasheet(HTML) 5 Page - Exar Corporation

  CLC4550 Datasheet HTML 1Page - Exar Corporation CLC4550 Datasheet HTML 2Page - Exar Corporation CLC4550 Datasheet HTML 3Page - Exar Corporation CLC4550 Datasheet HTML 4Page - Exar Corporation CLC4550 Datasheet HTML 5Page - Exar Corporation CLC4550 Datasheet HTML 6Page - Exar Corporation CLC4550 Datasheet HTML 7Page - Exar Corporation CLC4550 Datasheet HTML 8Page - Exar Corporation CLC4550 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
©2009-2013 Exar Corporation
5/11
Rev 1C
Typical Performance Characteristics
TA = 25°C, Vs = +5V, -Vs = GND unless otherwise noted.
Output Sink Current vs. Saturation Voltage (CLC2550)
Output Sink Current vs. Saturation Voltage (CLC4550)
Supply Voltage vs. Input Bias Current (CLC2550)
Supply Voltage vs. Input Bias Current (CLC4550)
Supply Current vs. Supply Voltage (CLC2550)
Supply Current vs. Supply Voltage (CLC4550)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
4
8
12
16
20
24
28
32
Supply Voltage (V)
-40°C
25°C
85°C
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
0
4
8
12
16
20
24
28
32
36
Supply Voltage (V)
-40°C
25°C
85°C
20
30
40
50
60
70
80
0
4
8
12
16
20
24
28
32
Supply Voltage (V)
-40°C
25°C
85°C
0
10
20
30
40
50
60
70
0
4
8
12
16
20
24
28
32
36
Supply Voltage (V)
-40°C
25°C
85°C
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Sink Current (mA)
-40°C
25°C
85°C
0.001
0.01
0.1
1
0.01
0.1
1
10
Output Sink Current (mA)
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com