Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321 Datasheet(PDF) 13 Page - Exar Corporation

Part # LMV321
Description  General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

LMV321 Datasheet(HTML) 13 Page - Exar Corporation

Back Button LMV321 Datasheet HTML 7Page - Exar Corporation LMV321 Datasheet HTML 8Page - Exar Corporation LMV321 Datasheet HTML 9Page - Exar Corporation LMV321 Datasheet HTML 10Page - Exar Corporation LMV321 Datasheet HTML 11Page - Exar Corporation LMV321 Datasheet HTML 12Page - Exar Corporation LMV321 Datasheet HTML 13Page - Exar Corporation LMV321 Datasheet HTML 14Page - Exar Corporation LMV321 Datasheet HTML 15Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
©2009-2013 Exar Corporation
13/15
Rev 1A
the supplies.
PD = Psupply - Pload
Supply power is calculated by the standard power
equation.
Psupply = Vsupply × IRMS supply
Vsupply = VS+ - VS-
Power delivered to a purely resistive load is:
Pload = ((VLOAD)RMS2)/Rloadeff
The effective load resistor (Rloadeff) will need to include
the effect of the feedback network. For instance,
Rloadeff in Figure 3 would be calculated as:
RL || (Rf + Rg)
These measurements are basic and are relatively easy to
perform with standard lab equipment. For design purposes
however, prior knowledge of actual signal levels and load
impedance is needed to determine the dissipated power.
Here, PD can be found from
PD = PQuiescent + PDynamic - PLoad
Quiescent power can be derived from the specified IS
values along with known supply voltage, VSupply. Load
power can be calculated as above with the desired signal
amplitudes using:
(VLOAD)RMS = VPEAK / √2
( ILOAD)RMS = ( VLOAD)RMS / Rloadeff
The dynamic power is focused primarily within the output
stage driving the load. This value can be calculated as:
PDYNAMIC = (VS+ - VLOAD)RMS × ( ILOAD)RMS
Assuming the load is referenced in the middle of the
power rails or Vsupply/2.
The LMV321 is short circuit protected. However, this may
not guarantee that the maximum junction temperature
(+150°C) is not exceeded under all conditions.
Driving Capacitive Loads
Increased phase delay at the output due to capacitive
loading can cause ringing, peaking in the frequency
response, and possible unstable behavior. Use a series
resistance, RS, between the amplifier and the load to
help improve stability and settling performance. Refer to
Figure 5.
+
-
Rf
Input
Output
Rg
Rs
CL
RL
Figure 5. Addition of RS for Driving Capacitive Loads
For a given load capacitance, adjust RS to optimize the
tradeoff between settling time and bandwidth. In general,
reducing RS will increase bandwidth at the expense of
additional overshoot and ringing.
Overdrive Recovery
An overdrive condition is defined as the point when either
one of the inputs or the output exceed their specified
voltage range. Overdrive recovery is the time needed for
the amplifier to return to its normal or linear operating
point. The recovery time varies, based on whether the
input or output is overdriven and by how much the range
is exceeded. The LMV321 and will typically recover in less
than 5us from an overdrive condition. Figure 6 shows the
LMV321 in an overdriven condition.








μs)

Ω



Figure 6. Overdrive Recovery
Layout Considerations
General layout and supply bypassing play major roles
in high frequency performance. CADEKA has evaluation
boards to use as a guide for high frequency layout and as
an aid in device testing and characterization. Follow the
steps below as a basis for high frequency layout:
▪ Include 6.8µF and 0.1µF ceramic capacitors for power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com