Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP508ECF-L Datasheet(PDF) 13 Page - Exar Corporation

Part # SP508ECF-L
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP508ECF-L Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP508ECF-L Datasheet HTML 9Page - Exar Corporation SP508ECF-L Datasheet HTML 10Page - Exar Corporation SP508ECF-L Datasheet HTML 11Page - Exar Corporation SP508ECF-L Datasheet HTML 12Page - Exar Corporation SP508ECF-L Datasheet HTML 13Page - Exar Corporation SP508ECF-L Datasheet HTML 14Page - Exar Corporation SP508ECF-L Datasheet HTML 15Page - Exar Corporation SP508ECF-L Datasheet HTML 16Page - Exar Corporation SP508ECF-L Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
3
ExarCorporation48720KatoRoad,FremontCA,94538•50-668-707•www.exar.comSP508E_00_07242
Figure9.V.DriverOutputPower-OffCurrent
Figure20.V.ReceiverInputCurrent
Figure2.V.DriverOutputRise/FallTime
Figure22.V.ReceiverInputIVGraph
A
B
C
I
xa
±0.25V
A
B
C
I
xb
±0.25V
VCC = 0V
VCC = 0V
A
B
C
I
ia
±10V
C
I
ib
±10V
A
B
A
B
50
C
50
50
V
E
Oscilloscope
V.11 RECEIVER
+3.25mA
-3.25mA
+3V
+10V
-3V
-10V
Maximum Input Current
versus Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com