Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APAM1866YA18 Datasheet(PDF) 2 Page - Abracon Corporation

Part # APAM1866YA18
Description  RoHS Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

APAM1866YA18 Datasheet(HTML) 2 Page - Abracon Corporation

  APAM1866YA18 Datasheet HTML 1Page - Abracon Corporation APAM1866YA18 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
sitive
ial Release
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Visitwww.abracon.com forTerms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
OUTLINE DIMENSION:
RoHS/RoHS II compliant
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
PACKAGING
:
Revised 06.23.14
Unit: mm
GPS Active Internal Patch
Tolerance: ±0.2mm
Package Type
Quantity
Tray
50 pcs/tray
Vacuum Bag
200pcs/box
Outer Box
1000 pcs/box
APAM1866YA18
18.0 x 18.0 x 7.0mm
L
Description
Material
Antenna Type
Dielectric Ceramics
PCB
FR4
Shielding
Tinplate
RF Cable
9851SC0032-002, φ1.13±0.1mm, L1=200mm, L=205mm
RF Connector
I-PEX
Thickness
7.0mm (Max)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com