Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-MSMF Datasheet(PDF) 4 Page - Copal Electronics

Part # PRCP-MSMF
Description  Polymer Resettable Circuit Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-MSMF Datasheet(HTML) 4 Page - Copal Electronics

  PRCP-MSMF Datasheet HTML 1Page - Copal Electronics PRCP-MSMF Datasheet HTML 2Page - Copal Electronics PRCP-MSMF Datasheet HTML 3Page - Copal Electronics PRCP-MSMF Datasheet HTML 4Page - Copal Electronics PRCP-MSMF Datasheet HTML 5Page - Copal Electronics PRCP-MSMF Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Thermal Derating Chart - Ihold / Itrip (Amps)
Ambient Operating Temperatu re
Model
-40 ˚C
-20 ˚C
0 ˚C
23 ˚C
40 ˚C
50 ˚C
60 ˚C
70 ˚C
85 ˚C
PRCP-MSMF010
0.16 / 0.32 0.14 / 0.28 0.12 / 0.24 0.10 / 0.20 0.08 / 0.16 0.07 / 0.14
0.06 / 0.12 0.05 / 0.10 0.03 / 0.06
PRCP-MSMF014
0.23 / 0.52 0.19 / 0.45 0.17 / 0.40 0.14 / 0.34 0.12 / 0.29 0.10 / 0.25
0.09 / 0.23 0.08 / 0.21 0.06 / 0.16
PRCP-MSMF020
0.29 / 0.58 0.26 / 0.52 0.23 / 0.46 0.20 / 0.40 0.17 / 0.34 0.15 / 0.30
0.14 / 0.28 0.12 / 0.24 0.10 / 0.20
PRCP-MSMF030
0.44 / 0.88 0.39 / 0.78 0.35 / 0.70 0.30 / 0.60 0.26 / 0.52 0.23 / 0.46
0.21 / 0.42 0.18 / 0.36 0.15 / 0.30
PRCP-MSMF050
0.77 / 1.54 0.68 / 1.36 0.59 / 1.18 0.50 / 1.00 0.44 / 0.88 0.40 / 0.80
0.37 / 0.74 0.33 / 0.66 0.29 / 0.58
PRCP-MSMF075
1.15 / 2.30 1.01 / 2.02 0.88 / 1.76 0.75 / 1.50 0.65 / 1.30 0.60 / 1.20
0.55 / 1.10 0.49 / 0.98 0.43 / 0.86
PRCP-MSMF075/24
1.15 / 2.30 1.01 / 2.02 0.88 / 1.76 0.75 / 1.50 0.65 / 1.30 0.60 / 1.20
0.55 / 1.10 0.49 / 0.98 0.43 / 0.86
PRCP-MSMF110
1.59 / 3.18 1.43 / 2.86 1.26 / 2.52 1.10 / 2.20 0.95 / 1.90 0.87 / 1.74
0.80 / 1.60 0.71 / 1.42 0.60 / 1.20
PRCP-MSMF110/16
1.59 / 3.18 1.43 / 2.86 1.26 / 2.52 1.10 / 2.20 0.95 / 1.90 0.87 / 1.74
0.80 / 1.60 0.71 / 1.42 0.60 / 1.20
PRCP-MSMF125
1.80 / 3.61 1.63 / 3.25 1.43 / 2.86 1.25 / 2.50 1.08 / 2.16 0.99 / 1.98
0.91 / 1.82 0.81 / 1.62 0.68 / 1.36
PRCP-MSMF150
2.17 / 4.34 1.95 / 3.90 1.72 / 3.44 1.50 / 3.00 1.30 / 2.59 1.18 / 2.37
1.09 / 2.18 0.97 / 1.94 0.82 / 1.64
PRCP-MSMF160
2.30 / 5.00 2.20 / 4.40 1.90 / 3.80 1.60 / 2.80 1.45 / 2.90 1.30 / 2.60
1.15 / 2.30 1.03 / 2.06 0.91 / 1.82
PRCP-MSMF200
3.08 / 5.40 2.71 / 4.74 2.35 / 4.11 2.00 / 3.50 1.80 / 3.15 1.60 / 2.80
1.50 / 2.63 1.40 / 2.40 1.25 / 2.10
PRCP-MSM0F250/16X 3.85 / 7.70 3.45 / 6.90 3.00 / 6.00 2.50 / 5.00 2.05 / 4.10 1.85 / 3.70
1.75 / 3.50 1.30 / 2.60 1.10 / 2.20
PRCP-MSMF260
4.00 / 7.98 3.52 / 7.01 3.06 / 6.09 2.60 / 5.15 2.34 / 4.64 2.08 / 4.13
1.95 / 3.87 1.39 / 2.74 1.04 / 2.05
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)
Solder Reflow Recommendations
Notes:
• PRCP-MSMF models cannot be wave soldered.Please contact COPAL ELECTRONICS for
hand soldering recommendations.
• If reflow temperatures exceed the recommended profile, devices may
not meet the performance requirements.
• Compatible with Pb and Pb-free solder reflow profiles.
How to Order
PRCP - MSMF 075/24 - 2 C
Product
Designator
Series
MSMF = 4532 mm (1812 mils)
Surface Mount Component
Hold Current, Ihold
010-260 (0.10 Amps - 2.60 Amps)
Higher Voltage Option
__ =
Standard Voltage
/16 = 16 Volt Rated
/24 = 24 Volt Rated
/60 = 60 Volt Rated
X =
Product Shape
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
Represents total content. Layout may vary.
PART IDENTIFICATION EXAMPLES:
PRCP-MSMF050 = 50
PRCP-MSMF075 = 75
PRCP-MSMF110 = 11
PRCP-MSMF150 = 15
BI-WEEKLY DATE CODE:
WEEKS 1-2 = A
YEAR CODE:
9 = 2009
PART IDENTIFICATION EXAMPLES:
PRCP-MSMF110/24X = 6
PRCP-MSMF150/24X = 8
PRCP-MSMF250/16X = C
BI-WEEKLY DATE CODE:
WEEKS 1-2 = A
C
A
Halogen Free
PRCP-MSMF020/60
0.29 / 0.58 0.26 / 0.52 0.23 / 0.46 0.20 / 0.40 0.17 / 0.34 0.15 / 0.30
0.14 / 0.28 0.12 / 0.24 0.10 / 0.20
PRCP-MSMF150/24X 2.10 / 4.20 1.90 / 3.80 1.70 / 3.40 1.50 / 3.00 1.25 / 2.50 1.13 / 2.26
1.00 / 2.00 0.88 / 1.76 0.69 / 1.38
PRCP-MSMF110/24X 2.00 / 4.00 1.70 / 3.40 1.40 / 2.80 1.10 / 2.20 0.95 / 1.90 0.88 / 1.76
0.80 / 1.60 0.73 / 1.46 0.61 / 1.22
PRCP-MSMF020/60 = 2
PART IDENTIFICATION EXAMPLES:
22
PRCP-MSMF Series - Polymer Resettable Circuit Protectors
The device characteristics and parameters in this data sheet can and do vary in different applications and actual
device performance may vary over time.
Users should verify actual device performance in their specific applications.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com